Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM9510GM Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9510GM
Description  N- and P-channel Enhancement-mode Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9510GM Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9510GM Datasheet HTML 1Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 2Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 3Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 4Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 5Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 6Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 7Page - Silicon Standard Corp. SSM9510GM Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
N- and P-channel Enhancement-mode Power MOSFETs
Simple drive requirement
Lower gate charge
Fast switching characteristics
DESCRIPTION
Advanced Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching, ruggedized
device design, low on-resistance and cost-effectiveness.
The SSM9510GM is in the SO-8 package, which is widely preferred for
commercial and industrial surface mount applications. It is well suited
for low voltage applications requiring complementary N and P MOSFETs.
N-CH BVDSS
30V
RDS(ON)
28m
I D
6.9A
P-CH
BVDSS
-30V
RDS(ON)
55m
ID
-5.3A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID @ TA=25°C
Continuous Drain Current
3
6.9
-5.3
A
ID @ TA=70°C
Continuous Drain Current
3
5.5
-4.2
A
IDM
Pulsed Drain Current
1
30
-30
A
PD @ TA=25°C
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
°C/W
Parameter
THERMAL DATA
S1
G1
S2
G2
D1
D1
D2
G2
D2
S2
G1
D1
S1
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
Pb-free; RoHS compliant.
SSM9510GM
2/10/2005 Rev.2.01


Similar Part No. - SSM9510GM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM9563GM SSC-SSM9563GM Datasheet
531Kb / 5P
P-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
SSM9563M VBSEMI-SSM9563M Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM9564GM SSC-SSM9564GM Datasheet
531Kb / 5P
P-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM9510GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM2030GM SSC-SSM2030GM Datasheet
561Kb / 11P
N- and P-channel Enhancement-mode Power MOSFETs
SSM4507M SSC-SSM4507M Datasheet
343Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4509GM SSC-SSM4509GM Datasheet
431Kb / 8P
N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4513M SSC-SSM4513M Datasheet
342Kb / 8P
N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4532M SSC-SSM4532M Datasheet
204Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4565M SSC-SSM4565M Datasheet
452Kb / 8P
COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4575M SSC-SSM4575M Datasheet
320Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484 Datasheet
593Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com