Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM9575M Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9575M
Description  P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9575M Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9575M Datasheet HTML 1Page - Silicon Standard Corp. SSM9575M Datasheet HTML 2Page - Silicon Standard Corp. SSM9575M Datasheet HTML 3Page - Silicon Standard Corp. SSM9575M Datasheet HTML 4Page - Silicon Standard Corp. SSM9575M Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Simple drive requirement
BV DSS
-60V
Low on-resistance
R DS(ON)
90m
Ω
Fast switching characteristics
ID
-4A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID @ TA=25°C
ID @ TA=100°C
IDM
A
PD @ TA=25°C
W/°C
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
50
°C/W
Rating
-60
-4
A
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Continuous Drain Current
3
-3.2
A
Pulsed Drain Current
1
-20
2.5
W
-55 to 150
°C
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.02
Storage Temperature Range
Thermal Data
Parameter
Total Power Dissipation
± 25
Advanced Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SSM9575M is in the SO-8 package, which is widely preferred for
commercial and industrial surface mount applications, and is well suited
for low voltage applications such as DC/DC converters.
D
S
S
S
S
G
D
D
D
D
SO-8
G
SSM9575M/GM
12/02/2004 Rev.2.01
This device is available with Pb-free lead finish (second-level interconnect) as SSM9575GM.


Similar Part No. - SSM9575M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM9575 SECOS-SSM9575 Datasheet
450Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SSM9575M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com