Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM9930M Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SSM9930M
Description  DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9930M Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SSM9930M Datasheet HTML 1Page - Silicon Standard Corp. SSM9930M Datasheet HTML 2Page - Silicon Standard Corp. SSM9930M Datasheet HTML 3Page - Silicon Standard Corp. SSM9930M Datasheet HTML 4Page - Silicon Standard Corp. SSM9930M Datasheet HTML 5Page - Silicon Standard Corp. SSM9930M Datasheet HTML 6Page - Silicon Standard Corp. SSM9930M Datasheet HTML 7Page - Silicon Standard Corp. SSM9930M Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.SiliconStandard.com
5 of 8
SSM9930M
10/21/2004 Rev.1.01
N-channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
Single Pulse
PDM
t
T
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 135°C/W
0.02
0
2
4
6
8
10
12
02
46
8
10
12
14
Q G , Total Gate Charge (nC)
I D =4.5A
V DS =15V
10
100
1000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
Ciss
Coss
Crss
td(on) tr
td(off) t
f
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com