Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84129PI Datasheet(PDF) 18 Page - Xicor Inc.

Part # X84129PI
Description  uPort Saver EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84129PI Datasheet(HTML) 18 Page - Xicor Inc.

Back Button X84129PI Datasheet HTML 10Page - Xicor Inc. X84129PI Datasheet HTML 11Page - Xicor Inc. X84129PI Datasheet HTML 12Page - Xicor Inc. X84129PI Datasheet HTML 13Page - Xicor Inc. X84129PI Datasheet HTML 14Page - Xicor Inc. X84129PI Datasheet HTML 15Page - Xicor Inc. X84129PI Datasheet HTML 16Page - Xicor Inc. X84129PI Datasheet HTML 17Page - Xicor Inc. X84129PI Datasheet HTML 18Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
X84161/641/129
18
ORDERING INFORMATION
*PART MARK CONVENTION
Device
X84161/641/129
X
X
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc.
makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the
described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the
right to discontinue production and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents,
licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481;
4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967;
4,883, 976. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with
appropriate error detection and correction, redundancy and back-up features to prevent such an occurence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or system, or to affect its safety or effectiveness.
–X
VCC Range
Blank = 4.5V to 5.5V, 10 MHz
2.5 = 2.5V to 5.5V, 5 MHz
Military = –55
°C to +125°C (contact factory)
Packages:
X84161
P = 8-Lead PDIP
S8 = 8-Lead SOIC
V8 = 8-Lead TSSOP
X84641
P = 8-Lead PDIP
S8 = 8-Lead SOIC
V20 = 20-Lead TSSOP
X84129
P = 8-Lead PDIP
S14 = 14-Lead SOIC
V28 = 28-Lead TSSOP
1.8 = 1.8V to 3.6V, 3 MHz
8-Lead TSSOP
AG = 1.8 to 3.6V, 0 to +70
°C
EYWW
8161XX
AH = 1.8 to 3.6V, -40 to +85
°C
F = 2.5 to 5.5V, 0 to +70
°C
G = 2.5 to 5.5V, -40 to +85
°C
Blank = 4.5 to 5.5V, 0 to +70
°C
I = 4.5 to 5.5V, -40 to +85
°C
8-Lead SOIC/PDIP
X84641 X
XX
Blank = 8-Lead SOIC
AG = 1.8 to 3.6V, 0 to +70
°C
AH = 1.8 to 3.6V, -40 to +85
°C
F = 2.5 to 5.5V, 0 to +70
°C
G = 2.5 to 5.5V, -40 to +85
°C
Blank = 4.5 to 5.5V, 0 to +70
°C
I = 4.5 to 5.5V, -40 to +85
°C
P = 8-Lead PDIP
*All parts and package types not included will receive standard marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com