Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT10.7MS2DP Datasheet(PDF) 44 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 44 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
LTA 450kHz~470kHz Ceramic Filters
Preview
ceramic filters for radio-cassette recorder LTA series are designed to address the needs of standard radio cassette
recorder requirements.
Recommend for use in low cost products where economically, efficient designs are critical. The nominal
frequency tolerance is ±2KHz.
Token LTA series ceramic filters conform to the RoHS directive.
Ceramic filters for radio cassette recorder LT series can be customed designs and tighter tolerances available on
request.
Application of ceramic filters specific designs also available including different piezo band-pass devices and Q
specifications adjusted to frequency requirements.
Ceramic Filters
for Radio
ACassette Recorder
Ceramic Filters for Radio Cassette Recorder (LTA)
TOKEN
42 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com