Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC19 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TC19
Description  TC19 Power Gap Toroidal Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TC19 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TC19 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TC19 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02 of 02
Version 2010
TC19 Power Gap Toroidal Inductors
Configurations & Dimensions
TC19
A
B
D
C
E
Land Pattern
TC19A
Top view
Bottom View
3
A 2
1
4
5
6
A
B
C
6
1
1
2
3
6
5
4
E
F
D
Type
A
B
C
D
E
F
TC19
10.0 (Ref.)
11.5 (Ref.)
15.0 ± 5.0
2.0 (max)
11.0
-
TC19A
11.0 (Ref.)
15.0 (Ref.)
3.5 ± 1.0
0.6 ± 0.05
7.0 ± 0.5
3.5 ± 0.5
Note: Design as Customer’s Requested Specifications.
Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TC19
19.5
100
0.093
3.00
TC19A
19.5
100
0.093
3.00
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
How to Order
0606
TC19
Back to 1st Page - Power Inductor Gap Toroidal coils (TC19)
Power Inductor Through Hole Gap Toroidal Coils: TC19, TC19A
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com