Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF721 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BF721
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BF721 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BF721 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 4 – MARCH 2001
✪
FEATURES
*
High breakdown and low saturation voltages
APPLICATIONS
*
Suitable for video output stages in TV sets
*
Switching power supplies
COMPLEMENTARY TYPE:-
BF720
PARTMARKING DETAILS:-
BF721
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-100
mA
Continuous Collector Current
IC
-50
mA
Power Dissipation at Tamb=25°C
Ptot
-2
W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown
Voltage
BF721
V(BR)CBO
-300
V
IC=-10µA, IE=0
Collector-Emitter
Breakdown
Voltage
BF721
V(BR)CEO
-300
V
IC=-1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA, IC=0
Collector Cut-Off Current ICBO
-10
nA
VCB=-200V, IE=0 †
Collector Cut-Off
Current
ICER
-50
-10
nA
µA
VCE=-200V, RBE=2.7KΩ
VCE=-200V, RBE=2.7KΩ †
Emitter Cut-Off Current
IEBO
-10
µA
VEB=-5V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.6
V
IC=-30mA, IB=-5mA*
Base Emitter
Saturation Voltage
VBE(sat)
-0.9
V
IC=-20mA, IB=-2mA*
Static Forward Current
Transfer Ratio
hFE
-50
IC=-25mA, VCE=-20V*
Transition Frequency
fT
100
MHz
IC=-10mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
0.8
pF
VCB=-30V, f=1MHz
†Tamb=150°C
*Measured under pulsed conditions.
For typical characteristics graphs see FMMTA92 datasheet.
BF721
C
C
E
B
TBA


Similar Part No. - BF721

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF721 SIEMENS-BF721 Datasheet
130Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
PNP SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
BF721T1G ONSEMI-BF721T1G Datasheet
133Kb / 4P
PNP Silicon Transistor
September, 2010 -- Rev. 9
More results

Similar Description - BF721

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZTA92 KEXIN-FZTA92 Datasheet
35Kb / 1P
PNP Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSA894 TSC-TSA894 Datasheet
196Kb / 4P
PNP Silicon Planar High Voltage Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com