Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9553/PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 22Page - Analog Devices AD9553/PCBZ Datasheet HTML 23Page - Analog Devices AD9553/PCBZ Datasheet HTML 24Page - Analog Devices AD9553/PCBZ Datasheet HTML 25Page - Analog Devices AD9553/PCBZ Datasheet HTML 26Page - Analog Devices AD9553/PCBZ Datasheet HTML 27Page - Analog Devices AD9553/PCBZ Datasheet HTML 28Page - Analog Devices AD9553/PCBZ Datasheet HTML 29Page - Analog Devices AD9553/PCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9553
Rev. 0 | Page 26 of 44
This leads to the complete frequency translation formula
×
⎟⎟
⎜⎜
=
1
0
1
P
P
N
R
K
f
f
X
X
OUT
⎟⎟
⎜⎜
×
⎟⎟
⎜⎜
=
2
0
2
P
P
N
R
K
f
f
X
X
OUT
Specific numeric constraints apply as follows. Note that the
symbol indicates that the constraint is an element of one in
the series from the list within the curly brackets.
{
}
2
,
1
,
,
5
5
K
{}
{}
1048576
{}
6
,
5
0
P
{}
63
,
,
2
,
1
1
L
P
{}
63
,
,
2
,
1
2
L
P
2
1
16384
,
,
2
,
1
L
X
R
,
,
33
,
32
L
N
Additional constraints apply. One constraint is related to the
VCO and the other to the 2× frequency multipliers in the REFA
and REFB paths. The VCO constraint is a consequence of its
limited bandwidth. However, the 2× frequency multiplier
constraint only applies when the /5 prescalers are bypassed, but
it also requires that RA and RB are large enough to satisfy the
FPFD constraint. The additional constraints are as follows:
3350 MHz ≤ fOUT1 × P0 × P1 ≤ 4050 MHz
3350 MHz ≤ fOUT2 × P0 × P2 ≤ 4050 MHz
fREFA/B ≤ 125 MHz (2× multiplier with /5 bypassed)
Generally, the AD9553 is for applications in which fREFA and fREFB
are the same frequency, so the multiplexers in the REFA and
REFB paths share identical configurations. This, in conjunction
with the crystal frequency (fXTAL), results in the following
relationship between the RA and RXO dividers (here K is the scale
factor for the REFA path).
A
XO
REFA
XTAL
R
R
K
f
f
×
=
×
2
Note that for pin-programmed holdover applications using the
crystal, the crystal frequency must be 25 MHz. Under these
circumstances, the above equation simplifies as follows:
A
XO
REFA
R
R
K
f
×
=
× 6
10
50
CALCULATING DIVIDER VALUES
This section describes the process of calculating the divider
values when given a specific fOUT1/fREF ratio (fREF is the frequency
of either the REFA or REFB input signal source or the external
crystal resonator). This description is in general terms, but it
includes a specific example for clarity. The example assumes
a frequency control pin setting of A[3:0] = 1011 (see Table 14)
and Y[5:0] = 011100 (see Table 15), yielding the following:
fREF = 125 MHz
fOUT1 = 155.52 MHz
Follow these steps to calculate the divider values.
1.
Determine the output divide factor (ODF).
Note that the VCO frequency (fVCO) spans 3350 MHz to
4050 MHz. The ratio, fVCO/fOUT1, indicates the required
ODF. Given the specified value of fOUT1 (155.52 MHz)
and the range of fVCO, the ODF spans a range of 21.54 to
26.04. The ODF must be an integer, which means that ODF
is 22, 23, 24, 25, or 26.
2.
Determine suitable values for P0, P1 and fVCO.
The ODF is the product of the two output dividers P0 and
P1 (ODF = P0P1). However, P0 is constrained to 5 or 6 (see
the Output/Input Frequency Relationship section), which
means that there are only two possibilities for ODF in this
example: ODF = 24 (P0 = 6, P1 = 4) and ODF = 25 (P0 = 5,
P1 = 5). These two ODF values result in the only VCO
frequencies that satisfy the 155.52 MHz requirement for
OUT1 (3732.48 MHz for ODF = 24 and 3888 MHz for
ODF = 25). The results appear below. Note that the first
result agrees with Table 15 in the Preset Frequencies
section).
P0 = 6, P1 = 4 (fVCO = 3732.48 MHz)
P0 = 5, P1 = 5 (fVCO = 3888 MHz)
3.
Determine the boundary conditions on N, K, and R.
Because of the architecture of the PLL, FPFD must be an
integer submultiple of the VCO frequency as shown in the
following equation. Note that N is an integer and is the
20-bit value of the N-divider.
N
f
FPFD
VCO
=
This relationship leads to boundary conditions on N
because N must be an integer that satisfies N = fVCO/FPFD.
The limits on FPFD (13.3 kHz to 100 MHz) combined with
the results for fVCO from Step 2 yield
N = 38...280,637 (for fVCO = 3732.48 MHz)
N = 39...292,330 (for fVCO = 3888 MHz)
Note that FPFD also relates to the input frequency, fREF, per
the following equation. Here, R is the 14-bit integer divi-
sion factor of the input divider (RA or RB), while K is the
scale factor associated with the optional 2× multiplier and
divide-by-five functions. Note that K can only be one of
four values: 1/5, 2/5, 1, or 2.
=
R
K
f
FPFD
REF
This relationship leads to boundary conditions on R because
R/K = fREF/FPFD where R must be an integer and K can only
be 1/5, 2/5, 1, or 2. The limits on FPFD (13.3 kHz to 100
MHz) combined with the given value of fREF yield the
following bounds on R. Note that for K = 2, the upper bound
on R is limited by its 14-bit range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com