Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9928 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9928
Description  Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9928 Datasheet(HTML) 1 Page - Analog Devices

  AD9928 Datasheet HTML 1Page - Analog Devices AD9928 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Channel 14-Bit CCD Signal Processor
with V-Driver and Precision Timing Generator
AD9928
Rev. SpD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Registers similar to AD9920A and AD9990
Timing generator with 18-channel V-driver
Serial data output with reduced range LVDS interface
1.8 V dual AFE core
Internal LDO regulators for compatibility with 3 V systems
Correlated double sampler (CDS) with −3 dB, 0 dB,
+3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 40 MHz analog-to-digital converter (ADC)
Black level clamp with variable level control
Precision Timing core with ~390 ps resolution at 40 MHz
On-chip 3 V horizontal and RG drivers
General-purpose outputs (GPOs) for shutter support
On-chip driver for external crystal
128-ball CSP_BGA package, 9 mm × 9 mm, 0.65 mm pitch
APPLICATIONS
Digital still cameras
Medical imaging
Industrial cameras
GENERAL DESCRIPTION
The AD9928 is a highly integrated CCD signal processor for
digital still camera applications. It includes a dual analog front
end with analog-to-digital conversion, combined with a full-
function programmable timing generator and 18-channel
vertical driver (V-driver) for a 2-channel output CCD. The
timing generator is capable of supporting up to 24 vertical clock
signals internally, and the on-chip V-driver supports up to 18
high voltage outputs. A Precision Timing™ core allows adjustment
of high speed clocks with approximately 390 ps resolution at
40 MHz operation. The AD9928 also contains eight general-
purpose outputs, which can be used for shutter and system
functions.
Each analog front end includes black level clamping, CDS,
VGA, and a 14-bit ADC. The timing generator provides all the
necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate
pulses, substrate clock, and substrate bias control.
The AD9928 is specified over an operating temperature range
of –25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9928
CDS
VGA
CLAMP
CLAMP
14-BIT
ADC
SL
SCK
SDI
CLI
VREF_B
6dB TO 42dB
6dB TO 42dB
HORIZONTAL
DRIVERS
VERTICAL
TIMING
CONTROL
RG_A, RG_B
H1A TO H4A, H1B TO H4B
24
REFT_B REFB_B
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
HD
VD SYNC
INTERNAL
REGISTERS
CCDIN_A
–3dB, 0dB, +3dB, +6dB
HL_A, HL_B
CLO
GPO1 TO GPO7
XV1 TO XV24
XSUBCK
VERTICAL
DRIVER
SUBCK
CDS
VGA
14-BIT
ADC
CCDIN_B
–3dB, 0dB, +3dB, +6dB
TCLKP
TCLKN
DOUT0P_A
DOUT0N_A
DOUT1P_A
DOUT1N_A
DOUT0P_B
DOUT0N_B
DOUT1P_B
DOUT1N_B
V1A TO V15
XSUBCNT (GPO8)
LDO
REG_A
LDO
REG_B
VREF_A
REFT_A REFB_A
14
14
8
18
2
7
REDUCED
RANGE
LVDS
OUTPUTS
RST
+1.8V
+3V
+1.8V
+3V
LDO_IN
LDO_OUT
LDO_IN
LDO_OUT
Figure 1.
For more information on the AD9928, email Analog Devices, Inc., at afe.ccd@analog.com.


Similar Part No. - AD9928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9928 AD-AD9928 Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal ocessor with V-Driver and Precision Timing Generator
Rev. SpH
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9928BBCZRL AD-AD9928BBCZRL Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal ocessor with V-Driver and Precision Timing Generator
Rev. SpH
More results

Similar Description - AD9928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A Datasheet
1Mb / 88P
CCD Signal Processor with V-Driver and Precision Timing??Generator
10/06-Revision 0
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9990 AD-AD9990 Datasheet
74Kb / 2P
Dual Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9928BBCZRL AD-AD9928BBCZRL Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal ocessor with V-Driver and Precision Timing Generator
Rev. SpH
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com