Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5604ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  700 MHz to 2700 MHz 1 W RF Driver Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5604ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL5604
Rev. 0 | Page 20 of 24
EVALUATION BOARD
The schematic of the ADL5604 evaluation board is shown in
Figure 43. This evaluation board uses 25 mils wide, 50 Ω traces
and is made from IS410 material, with a 23mils gap to ground.
The evaluation board is tuned for operation at 2140 MHz. The
inputs and outputs should be ac-coupled with appropriately
sized capacitors; therefore, for low frequency applications, C1
and C2 may need to be increased. DC bias is provided to the
output stage via an inductor connected to the RFOUT pin. A
bias voltage of 5 V is recommended. The evaluation board has a
short non 50 Ω line on its output to accommodate the four
output pins and allow for easier low inductance output matching.
The pads for Pin 9 to Pin 12 are included on this microstrip line
and are included in all matches. Figure 46 shows the close-up
image of the recommended output pad. The evaluation board
also has hash marks close to the input and output of the
ADL5604, separated by 40 mils. The hash mark closest to the
input is 127 mils from the chip, and the hash mark closest to the
output is 20 mils from the chip.
U2 and its associated circuitry are required only if it is desired
to power down the ADL5604. On the evaluation board, it is
necessary to remove R2 and install a 0 Ω resistor in the R4
position to enable this feature.
RFIN
VBIAS
RFOUT
12
VCC2
11
VBIAS
10
RFIN
9
RFIN
1
2
3
4
ADL5604
GND1
VCC1
L1
16nH
VCC2
VBIAS
GND2
R9
0
R10
0
R6
0
R8
0
R3
OPEN
L2
OPEN
R4 OPEN
GND3
AD8009
C15
0.1µF
R1
301
–VS
+VS
U2
NOTE 1
C5
2.4pF
C2
22pF
R2
0
R5
0
NOTES
1. THE COMPONENTS CONTAINED INSIDE THE DASHED BOX ARE ONLY REQUIRED IF IT IS
DESIRED TO POWER DOWN THE ADL5604.
C1
0
C3
1.3pF
C4
2.7pF
C11
10nF
C12
0.1µF
C9
10nF
C10
0.1µF
C6
10nF
C7
0.1µF
C8
10µF
RFOUT
RFOUT
RFOUT
RFOUT
C14
0.1µF
13
8
14
7
15
6
16
5
GND GND GND GND
GND GND GND GND
Figure 43. Evaluation Board, 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com