Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5902 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5902
Description  50 MHz to 9 GHz 65 dB TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902 Datasheet(HTML) 3 Page - Analog Devices

  ADL5902 Datasheet HTML 1Page - Analog Devices ADL5902 Datasheet HTML 2Page - Analog Devices ADL5902 Datasheet HTML 3Page - Analog Devices ADL5902 Datasheet HTML 4Page - Analog Devices ADL5902 Datasheet HTML 5Page - Analog Devices ADL5902 Datasheet HTML 6Page - Analog Devices ADL5902 Datasheet HTML 7Page - Analog Devices ADL5902 Datasheet HTML 8Page - Analog Devices ADL5902 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADL5902
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZO = 50 Ω, single-ended input drive, RT = 60.4 Ω, VOUT connected to VSET, VTGT = 0.8 V, CLPF = 0.1 µF. Negative
current values imply that the ADL5902 is sourcing current out of the indicated pin.
Table 1.
Parameter
Test Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
50 to 9000
MHz
RF INPUT INTERFACE
Pins INHI, INLO, ac-coupled
Input Impedance
Single-ended drive, 50 MHz
2000
Ω
Common Mode Voltage
2.5
V
100 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C, VTADJ = 0.5 V
63
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
3
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
−0.11/+0.25
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.22/+0.15
dB
−40°C < TA < +125°C; PIN = 0 dBm
−0.35/+0.25
dB
−40°C < TA < +125°C; PIN = −45 dBm
−0.22/+0.15
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.8
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.1
dBm
700 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C,VTADJ = 0.4 V
61
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C; PIN = −45 dBm
−0.1/0
dB
−40°C < TA < +125°C; PIN = 0 dBm
+0.3/−0.4
dB
−40°C < TA < +125°C; PIN = −45 dBm
−0.1/0
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.7
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.8
dBm
900 MHz
±1.0 dB Dynamic Range
CW input, TA = +25°C, VTADJ = 0.4 V
61
dB
Maximum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
1
dBm
Minimum Input Level, ±1.0 dB
Calibration at −60 dBm, −45 dBm, and 0 dBm
−60
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 0 dBm
+0.3/−0.2
dB
−40°C < TA < +85°C; PIN = −45 dBm
0/−0.1
dB
−40°C < TA < +125°C; PIN = 0 dBm
+0.3/−0.4
dB
−40°C < TA < +125°C; PIN = −45 dBm
0/−0.1
dB
Logarithmic Slope
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
53.7
mV/dB
Logarithmic Intercept
−45 dBm < PIN < 0 dBm; calibration at −45 dBm
and 0 dBm
−62.7
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com