Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPULF7045-331M Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPULF7045-331M
Description  TPULF7032/7045 Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPULF7045-331M Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPULF7045-331M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPULF7045-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPULF7045-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPULF7045-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
TPULF7032/7045 Power Inductors
(TPULF7032/7045) Dimensions & Configurations
(TPULF7032) Electrical Characteristics
A
B
TP
XXX
C
D
E
F
G
H
Land Pattern
Type
A(max)
B(max)
C(max)
D ± 0.2
E(max)
F
G
H
TPULF7032
7.4
7.4
3.5
2.0
5.4
3.0
2.0
4.4
TPULF7045
7.4
7.4
5.1
2.0
5.4
3.0
2.0
4.4
Note: Design as Customer’s Requested Specifications.
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPULF7032 - 1R0M
1.00
1
0.022
2.88
TPULF7032 - 1R5M
1.50
1
0.026
2.67
TPULF7032 - 2R2M
2.20
1
0.032
2.40
TPULF7032 - 3R3M
3.30
1
0.041
2.08
TPULF7032 - 4R7M
4.70
1
0.049
1.92
TPULF7032 - 6R8M
6.80
1
0.067
1.60
TPULF7032 - 100M
10.00
1
0.085
1.41
TPULF7032 - 120M
12.00
1
0.100
1.28
TPULF7032 - 150M
15.00
1
0.130
1.12
TPULF7032 - 180M
18.00
1
0.160
1.00
TPULF7032 - 220M
22.00
1
0.180
0.93
TPULF7032 - 270M
27.00
1
0.240
0.80
TPULF7032 - 330M
33.00
1
0.290
0.72
TPULF7032 - 390M
39.00
1
0.340
0.66
TPULF7032 - 470M
47.00
1
0.410
0.59
TPULF7032 - 560M
56.00
1
0.480
0.55
TPULF7032 - 680M
68.00
1
0.600
0.49
TPULF7032 - 820M
82.00
1
0.710
0.44
TPULF7032 - 101M
100.00
1
0.950
0.38
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com