Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSLF10145-331M Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # TPSLF10145-331M
Description  TPSLF Wirewound Power Inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSLF10145-331M Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button TPSLF10145-331M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TPSLF10145-331M Datasheet HTML 10Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
Part Number: TPSLF6028, TPSLF7032
TPSLF7045, TPSLF10145
TPSLF12555, TPSLF12565
TPSLF12575
100
TPSLF6028
Inductance
Code
Inductance
100
10.00µH
120
12.00µH
150
15.00µH
How to Order
M
Tolerance
Code
Tolerance
M
20%
N
30%
TPSLF Wirewound Power Inductors
Back to 1st Page - SMT Wirewound Power InductorsS (TPSLF)
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com