Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1706PESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1706PESA
Description  3.3V and 5.0V MicroMonitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1706PESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1706PESA Datasheet HTML 1Page - Maxim Integrated Products DS1706PESA Datasheet HTML 2Page - Maxim Integrated Products DS1706PESA Datasheet HTML 3Page - Maxim Integrated Products DS1706PESA Datasheet HTML 4Page - Maxim Integrated Products DS1706PESA Datasheet HTML 5Page - Maxim Integrated Products DS1706PESA Datasheet HTML 6Page - Maxim Integrated Products DS1706PESA Datasheet HTML 7Page - Maxim Integrated Products DS1706PESA Datasheet HTML 8Page - Maxim Integrated Products DS1706PESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS1705/DS1706
3 of 12
Watchdog Timer
The watchdog timer function forces WDS signals active when the ST input is not clocked within the 1
second time-out period. Time-out of the watchdog starts when RST (or RST) becomes inactive. If a high-
to-low transition occurs on the ST input pin prior to time-out, the watchdog timer is reset and begins to
time out again. If the watchdog timer is allowed to time out, the WDS signal is driven active (low) for a
minimum of 130 ms. The ST input can be derived from many microprocessor outputs. The typical signals
used are the microprocessors address signals, data signals, or control signals. When the microprocessor
functions normally, these signals would, as a matter of routine, cause the watchdog to be reset prior to
time-out. To guarantee that the watchdog timer does not time out, a high-to-low transition must occur at
or less than the minimum watchdog time-out of 1 second. A typical circuit example is shown in Figure 6.
MICROMONITOR BLOCK DIAGRAM
Figure 1
40k
180k
PUSH-BUTTON RESET
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com