Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BST52 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BST52
Description  NPN SILICON PLANAR DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BST52 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BST52 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
DARLINGTON TRANSISTOR
ISSUE 3 – JANUARY 1996
FEATURES
*
Fast Switching
*
High h
FE
PARTMAKING DETAIL — AS3
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
90
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
10
V
Pea Pulse Current
ICM
1.5
A
Continuous Collector Current
IC
500
mA
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
90
V
IC=10µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
80
V
IC=10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
V
IE=10µA, IC=0
Emitter Cut-Off Current
IEBO
10
µA
VEB=8V, IE=0
Collector-Emitter
Cut-Off Current
ICES
10
µA
VCE=80V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
1.3
1.3
V
V
IC=500mA, IB=0.5mA
IC=500mA, IB=0.5mA
Tj=150°C
Base-Emitter
Saturation Voltage
VBE(sat)
1.9
V
IC=500mA, IB=0.5mA
Static Forward Current
Transfer Ratio
hFE
1K
2K
IC=150mA, VCE=10V*
IC=-500mA, VCE=-10V*
Turn On Time
ton
400 Typical
ns
IC=500mA
IBon=IBoff=0.5mA
Turn Off Time
toff
1.5K Typical
ns
* Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
For typical characteristics graphs see FMMT614 datasheet.
BST52
C
C
B
E
SOT89
3 - 80


Similar Part No. - BST52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST52 PHILIPS-BST52 Datasheet
46Kb / 8P
NPN Darlington transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BST52 KEXIN-BST52 Datasheet
42Kb / 2P
NPN Darlington Transistors
logo
NXP Semiconductors
BST52 NXP-BST52 Datasheet
130Kb / 8P
NPN Darlington transistors
2004 Dec 09
logo
Shenzhen Jin Yu Semicon...
BST52 HTSEMI-BST52 Datasheet
294Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
BST52 JIANGSU-BST52 Datasheet
134Kb / 1P
Plastic-Encapsulate Transistors
More results

Similar Description - BST52

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV29 ZETEX-BCV29 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
BCV49 ZETEX-BCV49 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
FZTA14 ZETEX-FZTA14 Datasheet
23Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Rohm
2SD1646 ROHM-2SD1646 Datasheet
48Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
2SD1765 ROHM-2SD1765 Datasheet
46Kb / 1P
EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
logo
Continental Device Indi...
CJF6388 CDIL-CJF6388 Datasheet
296Kb / 4P
NPN SILICON PLANAR DARLINGTON POWER TRANSISTOR
logo
Weitron Technology
PZTA14 WEITRON-PZTA14 Datasheet
182Kb / 4P
Darlington NPN Silicon Planar Epitaxial Transistor
logo
Zetex Semiconductors
BST51 ZETEX-BST51 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
BCV49 DIODES-BCV49 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
logo
List of Unclassifed Man...
FZTA14TA ETC2-FZTA14TA Datasheet
40Kb / 1P
SOT223 NPN SILICON PLANAR DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com