Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002CK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2N7002CK
Description  60 V, 0.3 A N-channel Trench MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002CK Datasheet(HTML) 2 Page - NXP Semiconductors

  2N7002CK Datasheet HTML 1Page - NXP Semiconductors 2N7002CK Datasheet HTML 2Page - NXP Semiconductors 2N7002CK Datasheet HTML 3Page - NXP Semiconductors 2N7002CK Datasheet HTML 4Page - NXP Semiconductors 2N7002CK Datasheet HTML 5Page - NXP Semiconductors 2N7002CK Datasheet HTML 6Page - NXP Semiconductors 2N7002CK Datasheet HTML 7Page - NXP Semiconductors 2N7002CK Datasheet HTML 8Page - NXP Semiconductors 2N7002CK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2N7002CK_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 September 2009
2 of 13
NXP Semiconductors
2N7002CK
60 V, 0.3 A N-channel Trench MOSFET
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
12
3
017aaa000
G
D
S
Table 3.
Ordering information
Type number
Package
Name
Description
Version
2N7002CK
TO-236AB plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
2N7002CK
LP*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com