Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2N7002KA
Description  N-channel TrenchMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002KA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 2N7002KA Datasheet HTML 2Page - NXP Semiconductors 2N7002KA Datasheet HTML 3Page - NXP Semiconductors 2N7002KA Datasheet HTML 4Page - NXP Semiconductors 2N7002KA Datasheet HTML 5Page - NXP Semiconductors 2N7002KA Datasheet HTML 6Page - NXP Semiconductors 2N7002KA Datasheet HTML 7Page - NXP Semiconductors 2N7002KA Datasheet HTML 8Page - NXP Semiconductors 2N7002KA Datasheet HTML 9Page - NXP Semiconductors 2N7002KA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2N7002KA_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2008
6 of 11
NXP Semiconductors
2N7002KA
N-channel TrenchMOS FET
Tj =25 °CTj =25 °C
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of drain current; typical values
Tj =25 °C and 150 °C; VDS >ID × RDSon
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
003aab352
0
0.2
0.4
0.6
0.8
1
012
34
VDS (V)
ID
(A)
10
5
4.5
4
3.5
VGS (V) =
003aab353
0
2000
4000
6000
8000
10000
0
0.2
0.4
0.6
0.8
1
ID (A)
RDSon
(m
Ω)
4
5
4.5
10
VGS (V) =
003aab354
0
0.2
0.4
0.6
0.8
1
0246
VGS (V)
ID
(A)
Tj = 150 °C
25
°C
Tj (°C)
−60
180
120
060
003aac034
1.2
0.6
1.8
2.4
a
0
a
R
DSon
R
DSon 25
°C
()
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com