Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PC4617 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PC4617
Description  NPN general-purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PC4617 Datasheet(HTML) 2 Page - NXP Semiconductors

  2PC4617 Datasheet HTML 1Page - NXP Semiconductors 2PC4617 Datasheet HTML 2Page - NXP Semiconductors 2PC4617 Datasheet HTML 3Page - NXP Semiconductors 2PC4617 Datasheet HTML 4Page - NXP Semiconductors 2PC4617 Datasheet HTML 5Page - NXP Semiconductors 2PC4617 Datasheet HTML 6Page - NXP Semiconductors 2PC4617 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2PC4617_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 17 November 2009
2 of 7
NXP Semiconductors
2PC4617
NPN general-purpose transistor
4.
Marking
5.
Limiting values
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
6.
Thermal characteristics
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
Table 3.
Marking codes
Type number
Marking code
2PC4617Q
ZQ
2PC4617R
ZR
2PC4617S
ZS
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
7
V
IC
collector current (DC)
-
150
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
[1] --833
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com