Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PD601AS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PD601AS
Description  NPN general purpose transistors; 50 V, 100 mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601AS Datasheet(HTML) 3 Page - NXP Semiconductors

  2PD601AS Datasheet HTML 1Page - NXP Semiconductors 2PD601AS Datasheet HTML 2Page - NXP Semiconductors 2PD601AS Datasheet HTML 3Page - NXP Semiconductors 2PD601AS Datasheet HTML 4Page - NXP Semiconductors 2PD601AS Datasheet HTML 5Page - NXP Semiconductors 2PD601AS Datasheet HTML 6Page - NXP Semiconductors 2PD601AS Datasheet HTML 7Page - NXP Semiconductors 2PD601AS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2004 Feb 12
3
NXP Semiconductors
Product data sheet
NPN general purpose transistors; 50 V,
100 mA
2PD601A series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Refer to SOT346 (SC-59) and SOT323 (SC-70) standard mounting conditions.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOT346 (SC-59) and SOT323 (SC-70) standard mounting conditions.
Soldering
Reflow soldering is the only recommended soldering method.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
2PD601AQ
−
plastic surface mounted package; 3 leads
SOT346
2PD601AR
2PD601AS
2PD601AQW
−
plastic surface mounted package; 3 leads
SOT323
2PD601ARW
2PD601ASW
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
60
V
VCEO
collector-emitter voltage
open base
−
50
V
VEBO
emitter-base voltage
open collector
−
6
V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
SOT346
−
250
mW
SOT323
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
SOT346
500
K/W
SOT323
625
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com