Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT657 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABT657
Description  Octal transceiver with parity generator/checker; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT657 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT657 Datasheet HTML 1Page - NXP Semiconductors 74ABT657 Datasheet HTML 2Page - NXP Semiconductors 74ABT657 Datasheet HTML 3Page - NXP Semiconductors 74ABT657 Datasheet HTML 4Page - NXP Semiconductors 74ABT657 Datasheet HTML 5Page - NXP Semiconductors 74ABT657 Datasheet HTML 6Page - NXP Semiconductors 74ABT657 Datasheet HTML 7Page - NXP Semiconductors 74ABT657 Datasheet HTML 8Page - NXP Semiconductors 74ABT657 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74ABT657 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive.
The 74ABT657 is an octal transceiver featuring non-inverting buffers with 3-state outputs
and an 8-bit parity generator/checker, and is intended for bus-oriented applications. The
buffers have a guaranteed current sinking capability of 64 mA. The Transmit/Receive input
(pin T/R) determines the direction of the data flow through the bidirectional transceivers.
Transmit (active HIGH) enables data from A ports to B ports; Receive (active LOW)
enables data from B ports to A ports.
When Output Enable input (pin OE) is HIGH, both A and B ports are high-impedance. The
parity select input (pin ODD/EVEN) allows the user to generate either an odd or even
parity output, depending on the system. Pin PARITY is an output from the
generator/checker when transmitting from port A to port B (pin T/R = HIGH) and an input
when receiving from port B to port A port (pin T/R = LOW).
In transmit mode (pin T/R = HIGH) port A is polled to determine the number of HIGH
inputs on port A. Pin PARITY output goes to the logic state determined by the setting of
pin ODD/EVEN and by the number of HIGH inputs on port A. For example, if pin
ODD/EVEN is set LOW (even parity) and the number of HIGH inputs on port A is odd, pin
PARITY output goes HIGH, transmitting even parity. If the number of HIGH inputs on port
A is even, pin PARITY output goes LOW, keeping even parity.
In receive mode (pin T/R = LOW) port B is polled to determine the number of HIGH inputs
on port B. If pin ODD/EVEN is LOW (even parity) and the number of HIGH inputs on port
B is:
Odd and pin PARITY input is HIGH, pin ERROR is HIGH, indicating no error
Even and pin PARITY input is HIGH, pin ERROR goes LOW, indicating an error
2.
Features and benefits
I Combinational functions in one package
I Low static and dynamic power dissipation with high speed and high output drive
I Output capability: +64 mA and −32 mA
I Power-up 3-state
I Latch-up protection exceeds 500 mA per JESD78B class II level A
I ESD protection:
N HBM JESD22-A114F exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
74ABT657
Octal transceiver with parity generator/checker; 3-state
Rev. 03 — 15 March 2010
Product data sheet


Similar Part No. - 74ABT657

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657D PHILIPS-74ABT657D Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657DB PHILIPS-74ABT657DB Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657N PHILIPS-74ABT657N Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657PW PHILIPS-74ABT657PW Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
More results

Similar Description - 74ABT657

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com