Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSV-RM8-1S-8PL Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CSV-RM8-1S-8PL
Description  RM cores and acces sories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CSV-RM8-1S-8PL Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CSV-RM8-1S-8PL Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ferroxcube
R M cores and accessories
R M8
C OIL FOR ME R
G eneral data
P A R A ME T E R
S P E C IF IC A T ION
C oil former material
uns aturated polyester (UP ), glass-reinforced, flame retardant
in accordance with UL 94V-0; UL file number E 61040
P in material
copper-tin alloy (C uS n), tin- (S n) plated
Maximum operating temperature
180
°C, “IE C 60085” , class H
R esistance to soldering heat
“IE C 60068- 2- 20” , Part 2, Test T b, method 1B , 350
°C, 3.5 s
S olderability
“IE C 60068- 2- 20” , Part 2, Tes t Ta, method 1
Winding data
NUMB E R OF
S E C T IONS
WINDING
A R E A
(mm 2)
MINIMUM
WINDING
WIDT H
(mm)
AV E R AGE
L E NG T H OF
T UR N
(mm)
TY P E NUMB E R
1
30
8.85
42
C S V -R M8-1S -8P L


Similar Part No. - CSV-RM8-1S-8PL

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSV-RM8-1S-8P-G FERROXCUBE-CSV-RM8-1S-8P-G Datasheet
35Kb / 1P
RM cores and acces sories
CSV-RM8-1S-8P-TA FERROXCUBE-CSV-RM8-1S-8P-TA Datasheet
65Kb / 1P
CSV-RM8-1S-8P-TA
More results

Similar Description - CSV-RM8-1S-8PL

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPHS-E5.3-1S-4P-Z FERROXCUBE-CPHS-E5.3-1S-4P-Z Datasheet
60Kb / 1P
E cores and acces sories
CPHS-E6.3-1S-4P-Z FERROXCUBE-CPHS-E6.3-1S-4P-Z Datasheet
61Kb / 1P
E cores and acces sories
CPHS-EFD10-1S-8P FERROXCUBE-CPHS-EFD10-1S-8P Datasheet
39Kb / 1P
EFD cores and acces sories
CPHS-EFD20-1S-10PD-Z FERROXCUBE-CPHS-EFD20-1S-10PD-Z Datasheet
25Kb / 1P
EFD cores and acces sories
CSH-EFD15-1S-8P-T-Z FERROXCUBE-CSH-EFD15-1S-8P-T-Z Datasheet
36Kb / 1P
EFD cores and acces sories
CSH-EP7-1S-6P-BZ FERROXCUBE-CSH-EP7-1S-6P-BZ Datasheet
28Kb / 1P
EP cores and acces sories
CSH-EP13-1S-10P-T FERROXCUBE-CSH-EP13-1S-10P-T Datasheet
24Kb / 1P
EP cores and acces sories
CSV-RM5-1S-6P-G FERROXCUBE-CSV-RM5-1S-6P-G Datasheet
49Kb / 1P
RM cores and acces sories
CSV-RM8-1S-8P-G FERROXCUBE-CSV-RM8-1S-8P-G Datasheet
35Kb / 1P
RM cores and acces sories
CSVS-RM6S-1S-8P FERROXCUBE-CSVS-RM6S-1S-8P Datasheet
32Kb / 1P
RM cores and acces sories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com