Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX705 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # FCX705
Description  120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX705 Datasheet(HTML) 5 Page - Zetex Semiconductors

  FCX705 Datasheet HTML 1Page - Zetex Semiconductors FCX705 Datasheet HTML 2Page - Zetex Semiconductors FCX705 Datasheet HTML 3Page - Zetex Semiconductors FCX705 Datasheet HTML 4Page - Zetex Semiconductors FCX705 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ISSUE 2 - AUGUST 2001
FCX705
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
5
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
Suite 315
3701-04 Metroplaza, Tower 1
agents and distributors in
D-81673 München
700 Veterans Memorial Highway Hing Fong Road,
major countries world-wide
Germany
Hauppauge NY 11788
Kwai Fong
© Zetex plc 2001
USA
Hong Kong
Telefon: (49) 89 45 49 49 0
Telephone: (631) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (631) 864-7630
Fax: (852) 24250 494
www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.
1.2
1.0
1.2
3.2
1.5
4.0
2.4
SOT89 pattern.
H
A
D B
K
G
N
F
C
DIM
Millimetres
Inches
Min
Max
Min
Max
A
4.40
4.60
0.173
0.181
B
3.75
4.25
.150
0.167
C
1.40
1.60
0.550
0.630
D
-
2.60
-
0.102
F
0.28
0.45
0.011
0.018
G
0.38
0.55
0.015
0.022
H
1.50
1.80
0.060
0.072
K
2.60
2.85
0.102
0.112
L
2.90
3.10
0.114
0.112
N
1.4
1.60
0.055
0.063



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com