Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHC1051RJ Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # AHC1051RJ
Description  AH Aluminum Housed Power Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

AHC1051RJ Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  AHC1051RJ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. AHC1051RJ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. AHC1051RJ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. AHC1051RJ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. AHC1051RJ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. AHC1051RJ Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. AHC1051RJ Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
02 of 07
5W ~ 50W Dimensions
D
C
A
P
K
ΦL
ΦN
F
E
H G
J
Type
Dimensions(mm)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
± 1.0 ± 1.0 ± 1.0 ± 2.0 ± 1.0 ± 1.0 ± 1.0 ± 0.8 ± 1.0 ± 0.8 ± 0.5 ± 0.5 ± 0.2 ± 0.8
AH-5
11.2
12.5
15.2 28.6 8.5
16.4 8.1
1.7
3.8
2
2.4
1.5
1.3
6.7
AH-5N
11.2
12.5
15.2 28.6 8.5
16.4 8.1
1.7
3.8
2
2.4
1.5
1.3
6.7
AH-10
14.2 15.9
19
34.9 10.7
20.3 9.9
1.9
4.2
2.4
2.4
2
2.2
7.95
AH-10N 14.2 15.9
19
34.9 10.7
20.3 9.9
1.9
4.2
2.4
2.4
2
2.2
7.95
AH-25
18.2 19.8
27
49.2 14
27.4 13.9
1.9
5.9
4.4
3.2
1
2.2
11.1
AH-25N 18.2 19.8
27
49.2 14
27.4 13.9
1.9
5.9
4.4
3.2
1
2.2
11.1
AH-50
40
21.4
50
70.6 16
29
15.5
2.2
6.6
5
3.2
2
2.2
10.3
AH-50N 40
21.4
50
70.6 16
29
15.5
2.2
6.6
5
3.2
2
2.2
10.3
Notice: All dimensions might be changed or modified, please refer to last updating specification.
Token’s AH resistor wattage ratings are based on mounting to the following heat sink:
● AH-5W/10W: aluminum chassis area is 832 cm2 × 1.0 mm thick or equiv.
● AH-25W: aluminum chassis area is 1077 cm2 × 1.0 mm thick or equiv.
● AH-50W: aluminum chassis area is 1877 cm2 × 1.5 mm thick or equiv.
● AH-100W: aluminum chassis area is 1896 cm2 × 3.2 mm thick or equiv.
● AH-250W: aluminum chassis area is 5780 cm2 × 3.2 mm thick or equiv.
AH-100, AH-100N Dimensions
2-Φ4.8±0.5
9.5±1.0
70±1.0
89±1.0
139±2
46±1.0
13±0.8
M5
M5
Note: All values might be changed or modified, please consult factory for details.
AH Aluminum Housed Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com