Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT415 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT415
Description  NPN SILICON PLANAR AVALANCHE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT415 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT415 Datasheet HTML 1Page - Zetex Semiconductors FMMT415 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
AVALANCHE TRANSISTOR
ISSUE 4 - OCTOBER 1995
7
FEATURES
* Specifically designed for Avalanche mode operation
* 60A Peak Avalanche Current (Pulse width=20ns)
APPLICATIONS
* Laser LED drivers
* Fast edge generation
* High speed pulse generators
PARTMARKING DETAIL –
FMMT415 – 415
FMMT417 – 417
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMT415 FMMT417
UNIT
Collector-Base Voltage
VCBO
260
320
V
Collector-Emitter Voltage
VCEO
100
100
V
Emitter-Base Voltage
VEBO
6V
Continuous Collector Current
IC
500
mA
Peak Collector Current (Pulse Width=20ns)
ICM
60
A
Power Dissipation
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN. TYP.
MAX. UNIT CONDITIONS.
Collector-Base
Breakdown
Voltage
FMMT415 V(BR)CES
260
V
IC=1mA
Tamb= -55 to +150°C
FMMT417
320
V
IC=1mA
Collector-Emitter Breakdown
Voltage
VCEO(sus)
100
V
IC=100µA
Emitter-Base Breakdown Voltage V(BR)EBO
6V
IE=10µA
Collector Cut-Off Current
ICBO
0.1
10
µ
A
µ
A
VCB=180V
VCB=180V,
Tamb=100°C
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=4V
Collector-Emitter Saturation
Voltage
VCE(sat)
0.5
V
IC=10mA, IB=1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=10mA, IB=1mA*
Current in Second Breakdown
(Pulsed)
ISB
15
25
A
A
VC=200V, CCE=620pF
VC=250V, CCE=620pF
Static Forward Current Transfer
Ratio
hFE
25
IC=10mA, VCE=10V*
Transition Frequency
fT
40
MHz
IC=10mA, VCE=20V
f=20MHz
Collector-Base Capacitance
Ccb
8pF
VCB=20V, IE=0
f=100MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT415
FMMT417
FMMT415
FMMT417
Drive Current = 5mA/ns
TYPICAL CHARACTERISTICS
Maximum Avalanche Current
v Pulse Width
hFE v IC
Minimum starting voltage
as a function of capacitance
IUSB v Temperature
for the specified conditions
Minimum starting voltage
as a function of drive current
040
20
80 100 120 140 160 180
60
0
20
40
60
80
100
120
140
160
180
1.
2.
3.
Pulse Width (ns)
1. >4x10 Operations Without Failure
2. 10 Operations To Failure
3. 10 Operations To Failure
-60 -40 -20 0 20 40 60 80 100 120 140 160 180
0
10
20
30
40
Temperature (°C)
V+ = 250V
V+ = 200V
100µA
1mA
10mA
100mA
1A
0
20
40
60
80
100
Collector Current
175°C
25°C
-55°C
100p
1n
10n
100n
100
120
140
160
180
200
220
Risetime of Base
Collector-Emitter Capacitance (F)
I* =50mA
I* =100mA
I* =200mA
110
145
150
155
160
165
170
175
180
Risetime of Base Drive (mA/ns)
I* =60mA
I* =100mA
I* =200mA
C=620pF
-60 -40 -20 0 20 40 60 80 100 120 140 160 180
Temperature (°C)
100
120
140
150
160
C = 620pF
Minimum starting voltage
as a function of temperature
V+- =10V

%
!
C
B
E
SOT23
3 - 104
3 - 105


Similar Part No. - FMMT415

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT415 KEXIN-FMMT415 Datasheet
36Kb / 1P
Avalanche Transistor
logo
Diodes Incorporated
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
FMMT415TA DIODES-FMMT415TA Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
FMMT415TD DIODES-FMMT415TD Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
More results

Similar Description - FMMT415

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413 Datasheet
98Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX413 ZETEX-ZTX413 Datasheet
44Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX415 ZETEX-ZTX415 Datasheet
61Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZUMT413 ZETEX-ZUMT413 Datasheet
54Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT413 ZETEX-FMMT413_06 Datasheet
136Kb / 6P
SOT23 NPN silicon planar avalanche transistor
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
SOT23 NPN silicon planar avalanche transistor
March 2006
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
ZTX415 DIODES-ZTX415 Datasheet
73Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
NOVEMBER 1995
FMMT417TA DIODES-FMMT417TA Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
ZTX413 DIODES-ZTX413 Datasheet
72Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
MARCH 1994
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com