Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P26 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # P26
Description  P cores and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P26 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  P26 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P26 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2008 Sep 01
993
Ferroxcube
P cores and accessories
P26/16
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.400
mm−1
Ve
effective volume
3530
mm3
Ie
effective length
37.6
mm
Ae
effective area
93.9
mm2
Amin
minimum area
77.4
mm2
m
mass of set
≈20
g
CBW425
3.8
±0.6
11.5
0
−0.4
21.2 +
0.8
0
25.5
±0.5
18
±0.4
∅5.4
M2.6
11
+0.4
0
16.1
±0.2
0.5 +
0.2
0
2.9
±0.15
Fig.1 P26/16 core set.
Dimensions in mm.
Core sets for filter applications
Clamping force for AL measurements, 200
±50 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
(WITH NUT)
TYPE NUMBER
(WITHOUT NUT)
3D3
100
±3%
≈ 32
≈ 1630
P26/16-3D3-E100/N
P26/16-3D3-E100
160
±3%
≈ 51
≈ 890
P26/16-3D3-E160/N
P26/16-3D3-E160
250
±3%
≈ 80
≈ 510
P26/16-3D3-E250/N
P26/16-3D3-E250
2150
±25%
≈ 685
≈ 0
−
P26/16-3D3
3H3
160
±3%
≈ 51
≈ 940
P26/16-3H3-E160/N
P26/16-3H3-E160
250
±3%
≈ 80
≈ 550
P26/16-3H3-E250/N
P26/16-3H3-E250
315
±3%
≈ 100
≈ 420
P26/16-3H3-E315/N
P26/16-3H3-E315
400
±3%
≈ 127
≈ 310
P26/16-3H3-E400/N
P26/16-3H3-E400
630
±3%
≈ 201
≈ 180
P26/16-3H3-A630/N
P26/16-3H3-A630
5000
±25%
≈ 1590
≈ 0
−
P26/16-3H3


Similar Part No. - P26

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P26-3C81 FERROXCUBE-P26-3C81 Datasheet
52Kb / 4P
P cores and accessories
P26-3C81-A1000 FERROXCUBE-P26-3C81-A1000 Datasheet
52Kb / 4P
P cores and accessories
P26-3C81-A315 FERROXCUBE-P26-3C81-A315 Datasheet
52Kb / 4P
P cores and accessories
P26-3C81-A400 FERROXCUBE-P26-3C81-A400 Datasheet
52Kb / 4P
P cores and accessories
P26-3C81-A630 FERROXCUBE-P26-3C81-A630 Datasheet
52Kb / 4P
P cores and accessories
More results

Similar Description - P26

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
P cores and accessories
P11I FERROXCUBE-P11I Datasheet
49Kb / 4P
P cores and accessories
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com