Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC32D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVC32D
Description  Quad 2-input OR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC32D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC32D Datasheet HTML 2Page - NXP Semiconductors 74ALVC32D Datasheet HTML 3Page - NXP Semiconductors 74ALVC32D Datasheet HTML 4Page - NXP Semiconductors 74ALVC32D Datasheet HTML 5Page - NXP Semiconductors 74ALVC32D Datasheet HTML 6Page - NXP Semiconductors 74ALVC32D Datasheet HTML 7Page - NXP Semiconductors 74ALVC32D Datasheet HTML 8Page - NXP Semiconductors 74ALVC32D Datasheet HTML 9Page - NXP Semiconductors 74ALVC32D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74ALVC32_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
6 of 13
NXP Semiconductors
74ALVC32
Quad 2-input OR gate
11. Waveforms
Measurement points are given in Table 8.
Fig 6.
Inputs nA, nB to output nY propagation delay times
mna244
tPHL
tPLH
VM
VM
nA, nB input
nY output
GND
VI
Table 8.
Measurement points
Supply voltage VCC
Input VI
VM
1.65 V to 1.95 V
VCC
0.5VCC
2.3 V to 2.7 V
VCC
0.5VCC
2.7 V
2.7 V
1.5 V
3.0 V to 3.6 V
2.7 V
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com