Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMTL619 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # FMMTL619
Description  NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTL619 Datasheet(HTML) 3 Page - Zetex Semiconductors

  FMMTL619 Datasheet HTML 1Page - Zetex Semiconductors FMMTL619 Datasheet HTML 2Page - Zetex Semiconductors FMMTL619 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1m
10
1m
1m
100m
10
100m
10
100m
1m
1m
IC - Collector Current (A)
VCE(sat) v IC
0
0.5
IC/IB=10
IC/IB=20
IC/IB=50
+25°C
-55°C
+100°C
0
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
1.2
-55°C
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
DC
10m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100us
VCE=5V
+25°C
-55°C
IC/IB=10
VCE=5V
-55°C
IC/IB=10
10m
100m
1
0.1
0.2
0.3
0.4
0.1
0.2
0.3
0.4
0.5
10m
1
0.2
0.4
0.6
0.8
1.0
10m
100m
1
10
100m
1
10
110
100
10m
1
0.4
0.8
350
700
10m
100m
1
10
TYPICAL CHARACTERISTICS
FMMTL619



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com