Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMTL717 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMTL717
Description  PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTL717 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMTL717 Datasheet HTML 1Page - Zetex Semiconductors FMMTL717 Datasheet HTML 2Page - Zetex Semiconductors FMMTL717 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
B
E
SOT23 PNP SILICON PLANAR HIGH GAIN
MEDIUM POWER TRANSISTOR
ISSUE 1 – DECEMBER 1997
FEATURES
Very low equivalent on-resistance; R
CE(sat)=160mΩ at 1.25A
COMPLEMENTARY TYPE –
FMMTL617
PARTMARKING DETAIL –
L77
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-12
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-1.25
A
Peak Pulse Current
ICM
-4
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
-500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
FMMTL717


Similar Part No. - FMMTL717

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMTL717 KEXIN-FMMTL717 Datasheet
37Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FMMTL717 DIODES-FMMTL717 Datasheet
75Kb / 3P
SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
DECEMBER 1997
logo
Fairchild Semiconductor
FMMTL717TA FAIRCHILD-FMMTL717TA Datasheet
75Kb / 3P
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMTL717 DIODES-FMMTL717_15 Datasheet
401Kb / 7P
12V PNP HIGH GAIN MEDIUM POWER TRANSISTOR IN SOT23
Rev 2
More results

Similar Description - FMMTL717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
APRIL 1994
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
APRIL 1994
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
APRIL 1994
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1998
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JANUARY 1997
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com