Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CANNES Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # CANNES
Description  CAN interface PCI Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

CANNES Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  CANNES Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERFACES
BUS INTERFACE CONVERTERS
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
ORDER CODE
DESCRIPTION
TMC CANnes
CAN interface PCI-card
The CANnes card is a PCI card which provides a simple, easy
to use CAN interface. It is equipped with a male and a female
9 pin Sub-D connector with standard CAN pin assignments.
CAN bit rates between 10 and 1000 kBit/s (1MBit/s) are possible.
The industry standard CAN controller SJA1000 is used together
with the CAN bus driver 82C250 and optical isolation between
the CAN controller and the CAN bus driver. A 120 ohms termina-
tion resistor is also provided. This resistor can be switched on
and off either by a software controlled relay. Device drivers and
function libraries are provided for the Windows (98/ME/2000 and
NT4) operating systems and also for the Linux operating system.
The CANnes cards is CE-approved and also meets FCC specifica-
tions. It can be used with every PC which is equipped with PCI
slots fulfilling at least the PCI 2.1 standard.
FEATURES
supports CAN V2.0a and V2.0b
(11 bit and 29 bit identifiers)
CAN bit rates of up to 1Mbit/s
120 ohms termination resistor that
can be switched on or off by software
•
•
•
SOFTWARE
simple CAN monitoring software
supplied with this product
easy programming and integration into
user applications via simple DLL functions
•
•
OTHER
RoHS compliant
•
CANnes
CAN interface
PCI Card
CANnes
CAN
PCI-Bus
PCI
Bridge
CAN
Controller
62


Similar Part No. - CANNES

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CAN0001 AVX-CAN0001 Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
CAN0001DP AVX-CAN0001DP Datasheet
266Kb / 2P
Communication BUS Varistor
CAN0001DP AVX-CAN0001DP Datasheet
461Kb / 4P
Communication BUS Varistor
CAN0001RP AVX-CAN0001RP Datasheet
266Kb / 2P
Communication BUS Varistor
CAN0001RP AVX-CAN0001RP Datasheet
461Kb / 4P
Communication BUS Varistor
More results

Similar Description - CANNES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
logo
List of Unclassifed Man...
STP2223BGA ETC2-STP2223BGA Datasheet
439Kb / 34P
UPA to PCI Interface
logo
AAEON Technology
PCM-3708 AAEON-PCM-3708 Datasheet
475Kb / 1P
PCI-104 Interface
9741666646 AAEON-9741666646 Datasheet
149Kb / 1P
Mini-PCI Interface
PFM-T096P AAEON-PFM-T096P Datasheet
221Kb / 2P
pci-104 interface
logo
Motorola, Inc
MC143421 MOTOROLA-MC143421 Datasheet
193Kb / 11P
PCI Bus Interface
logo
AAEON Technology
NIM-S13C AAEON-NIM-S13C Datasheet
168Kb / 1P
PCI-Express Host Interface
PER-C39L AAEON-PER-C39L Datasheet
212Kb / 1P
PCI-Express Host Interface
logo
Moxa Inc.
CP-602E-I MOXA-CP-602E-I Datasheet
491Kb / 3P
2-port CAN interface PCI Express boards with 2 kV isolation
CP-602U-I MOXA-CP-602U-I Datasheet
496Kb / 3P
2-port CAN interface Universal PCI boards with 2 kV isolation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com