Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MONOPACK2 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # MONOPACK2
Description  1-Axis Controller / Driver 3.5A / 48V withEncoderInf
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

MONOPACK2 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  MONOPACK2 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODULES
MODULES FOR STEPPER MOTORS
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
MONOpack
2
1-Axis
Controller / Driver
3.5A / 48V
with Encoder Inf.
The MONOpack2 2 is a highly integrated stepper motor control-
ler unit in a robust housing. It provides a high motor power
and dynamics. A variety of control interfaces and protocols
provide a simple means of remote control or stand alone
functionality for all purposes. Its optional incremental encoder
feedback and a number of protection features makes drives very
dependant and reliable.
A Windows 95/98/ME/NT/2000/XP based PC software is supplied
to explore the possibilities of the MONOpack2. When operated
in TMCL mode (optional download / firmware update) you can
program its stand-alone functionality using simple TMCL com-
mands.
In terms of software and current settings the new MONOpack2
is fully compatible to the old MONOpack and MONOpack Lt while
providing a number of enhanced features.
ELECTRICAL
DATA
up to 3.5A RMS coil current (5A peak)
supply voltage 12V to 48V
up to 406 times microstepping
•
•
•
SUPPORTED
MOTORS
two-phase bipolar motors
with 1A to 3.5A coil current
optional incremental encoder
(2 or 3 channel)
•
•
INTERFACE
CAN, RS485 and RS232 and
step / direction (differential)
I/Os: Limit and reference switch inputs
incremental encoder input
•
•
•
FEATURES
highly dynamic and fast response drive
automatic S-shaped ramp generation
closed loop for exact position maintenance
or positioning check / retry
fully protected driver
•
•
•
•
SOFTWARE
3 Firmware modes:
· TMCL based stand-alone mode
· ASCII terminal mode
· MONOpack and Lt compatibility mode
comes with PC-based demonstration
and application development software
•
•
OTHER
pluggable screw terminal connectors
for all signals
robust aluminum housing
RoHS compatible
size: 132 x 130 x 45 mm³
•
•
•
•
ORDER CODE
DESCRIPTION
TMC MONOpack2
1-axis controller / driver 3.5A / 48V with encoder interface
Monopack 2
ABN
14..48V DC
Step/Dir
Encoder
CAN
RS-485
programmable
Complete
Motion
Controller
with TMC453
RS-232
high power
Driver
TMC239
Sequencer
5V Power Supply
Step
Motor
TMCL
Memory
MOSFET
Driver
Stage
34


Similar Part No. - MONOPACK2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
18-Sep-06
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
18-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
logo
SIKA BUILDING TRUST
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
Parex® MONOGRIS E
December 2021, Version 01.01
More results

Similar Description - MONOPACK2

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
SIXPACK2 TRINAMIC-SIXPACK2 Datasheet
322Kb / 1P
6-Axis Controller/Driver 1.4A/48V
TMCM-035 TRINAMIC-TMCM-035 Datasheet
515Kb / 1P
1-Axis Step/Directionor SPI Driver 3.5A/48V
TMCM-090 TRINAMIC-TMCM-090 Datasheet
504Kb / 1P
1-Axis Piezo Motor Driver 3kHz/48V
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-110-42 TRINAMIC-TMCM-110-42 Datasheet
421Kb / 1P
1-Axis Motor Mounted Controller/Driver 1.1A/34V
TMCM-111-42 TRINAMIC-TMCM-111-42 Datasheet
312Kb / 1P
1-Axis Motor Mounted Controller/Driver 2.8A/28.5V
TMCM-111-56 TRINAMIC-TMCM-111-56 Datasheet
346Kb / 1P
1-Axis Motor Mounted Controller/Driver 5.0A/36V
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
1-Axis BLDC Controller/Driver 5A/48V
TMCM-170 TRINAMIC-TMCM-170 Datasheet
374Kb / 1P
1-Axis Motor Mounted BLDCServo Controller/Driver with Encoder Inf 10A/48V
TMCM-171 TRINAMIC-TMCM-171 Datasheet
267Kb / 1P
1-Axis BLDC Servo Controller/Driver 20A/48V with Encoder Inf
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com