Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC3G06GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC3G06GD
Description  Triple inverter with open-drain outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G06GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC3G06GD Datasheet HTML 1Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 2Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 3Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 4Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 5Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 6Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 7Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 8Page - NXP Semiconductors 74HC3G06GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The 74HC3G06 and 74HCT3G06 are high-speed Si-gate CMOS devices. They provide
three inverting buffers with open-drain outputs.
The outputs of the 74HC3G06 and 74HCT3G06 devices are open drains and can be
connected to other open-drain outputs to implement active-LOW wired-OR or active-HIGH
wired-AND functions. For digital operation this device must have a pull-up resistor to
establish a logic HIGH-level.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I High noise immunity
I Low power dissipation
I Multiple package options
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
3.
Ordering information
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
Rev. 03 — 11 May 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC3G06DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT3G06DP
74HC3G06DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74HCT3G06DC
74HC3G06GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74HCT3G06GD


Similar Part No. - 74HC3G06GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G06 PHILIPS-74HC3G06 Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HC3G06 NEXPERIA-74HC3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HC3G06DC PHILIPS-74HC3G06DC Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HC3G06DC NEXPERIA-74HC3G06DC Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HC3G06DP PHILIPS-74HC3G06DP Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
More results

Similar Description - 74HC3G06GD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
Triple Inverter Buffer/Driver With Open-Drain Outputs
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com