Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3217G Datasheet(PDF) 1 Page - Micronas

Part # CDC3217G
Description  CDC 3217G ARM7-Based Car Dashboard Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CDC3217G Datasheet(HTML) 1 Page - Micronas

  CDC3217G Datasheet HTML 1Page - Micronas CDC3217G Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDC 3217G
May/2005
PRODUCT INFORMATION
CDC 3217G
ARM7-Based Car Dashboard Controller
The CDC 3217G is a pin-compatible Flash
ROM derivate of Micronas’ 32-bit Car Dash-
board
Controller
family
based
on
an
ARM7TDMI CPU core (CDC32xxG).
This device comes along with additional
features of the Cx platform like a superior
power saving module (PSM), four high-
speed CAN modules (Bosch V2.0B) and a
device lock module to inhibit Flash access.
Main characteristics of the PSM are three
additional low-power modes (IDLE, WAKE,
and STANDBY), an internal RC oscillator, a
polling/Flash timer output, as well as an
RTC (Real Time Clock).
The CDC 3217G also contains the patented
built-in ERM (EMI Reduction Module).
Features
◆ 1024 KB Flash
◆ 32 KB SRAM
◆ 8 KB boot ROM
◆ Four CPU operation modes
(Deep Slow, Slow, Fast, PLL)
◆ Three low-power modes
(Idle, Wake, Standby)
◆ RTC delivering hours, minutes, seconds
◆ Polling/Flash timer output
◆ PLL circuitry delivering up to 50 MHz
◆ 4- to 5-MHz oscillator
◆ EMI reduction module (ERM)
◆ Digital watchdog
◆ Central clock divider
◆ Interrupt controller with 40 inputs and
16 priority levels
◆ Six port interrupts
◆ Regulator input supervision for reset/
alarm (alarm comparator)
◆ Clock and supply supervision
◆ 16-channel 10-bit ADC
◆ Two comparators
◆ ADC reference (1 internal, 3 external)
◆ 48
×4 LCD module
◆ Three DMA channels
◆ Two UARTs, two SPIs
◆ DigitBus master module
◆ Four CAN modules with 512 Bytes each
of object RAM according to Bosch speci-
fication V2.0B (32 message objects)
◆ Two I2C master modules
◆ Seven stepper motor drivers
◆ Six PWM modules
(configurable as 2
×8 bit or 1×16 bit)
◆ Pulse frequency modulator
◆ Sound generator with auto decay
◆ Two SW-selectable clock outputs
◆ 16-bit free-running counter with six cap-
ture/compare modules
◆ Patch module (up to 10 cells)
◆ Device lock module (DLM) inhibiting
Flash access
◆ 1
×16-bit timer and 4×8-bit timer
◆ JTAG interface
◆
−40 to +105 °C case temperature range
◆ Single 3.5 V to 5.5 V supply voltage
(limited I/O performance below 4.5 V)
◆ Up to 102 GPIOs
◆ 128-pin PQFP package, 0.5 mm pin pitch


Similar Part No. - CDC3217G

ManufacturerPart #DatasheetDescription
logo
Micronas
CDC3207G MICRONAS-CDC3207G Datasheet
286Kb / 2P
CDC 3207G ARM7-Based Car Dashboard Controller
CDC3231G MICRONAS-CDC3231G Datasheet
285Kb / 2P
CDC 3231G ARM7-Based Car Dashboard Controller
CDC3257G MICRONAS-CDC3257G Datasheet
286Kb / 2P
CDC 3257G ARM7-Based Car Dashboard Controller
CDC3272G MICRONAS-CDC3272G Datasheet
285Kb / 2P
ARM7-Based Car Dashboard Controller
logo
Texas Instruments
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results

Similar Description - CDC3217G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8353UB PANASONIC-AN8353UB Datasheet
50Kb / 4P
High Efficiency Car Dashboard Dimmer IC
logo
Micronas
CDC1631F-E MICRONAS-CDC1631F-E Datasheet
204Kb / 2P
CDC 1631F-E 16-Bit Automotive CAN Controller
CDC1651F-E MICRONAS-CDC1651F-E Datasheet
204Kb / 2P
CDC 1651F-E 16-Bit Automotive CAN Controller
CDC3207G MICRONAS-CDC3207G Datasheet
286Kb / 2P
CDC 3207G ARM7-Based Car Dashboard Controller
CDC3231G MICRONAS-CDC3231G Datasheet
285Kb / 2P
CDC 3231G ARM7-Based Car Dashboard Controller
CDC3257G MICRONAS-CDC3257G Datasheet
286Kb / 2P
CDC 3257G ARM7-Based Car Dashboard Controller
CDC3272G MICRONAS-CDC3272G Datasheet
285Kb / 2P
ARM7-Based Car Dashboard Controller
CEA3207A MICRONAS-CEA3207A Datasheet
391Kb / 2P
ARM7-Based Car Entertainment Controller
logo
NXP Semiconductors
LPC214X NXP-LPC214X Datasheet
258Kb / 2P
ARM7-based microcontrollers with full-speed USB 2.0
January 2007
logo
OSRAM GmbH
LPP47F OSRAM-LPP47F Datasheet
586Kb / 22P
Dashboard Backlighting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com