Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3231G Datasheet(PDF) 2 Page - Micronas

Part # CDC3231G
Description  CDC 3231G ARM7-Based Car Dashboard Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CDC3231G Datasheet(HTML) 2 Page - Micronas

  CDC3231G Datasheet HTML 1Page - Micronas CDC3231G Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
CDC 3231G
May/2005
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
⋅ Hans-Bunte-Strasse 19 ⋅ D-79108 Freiburg (Germany) ⋅ P.O. Box 840 ⋅ D-79008 Freiburg (Germany)
Tel. +49-761-517-0
⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ www.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition May 18, 2005; Order No. 6251-609-2PI
JTAG
Probe
EVB
JTAG
JTAG
ETM
Trace Probe
Logic Analyzer
Development Tools
◆ Evaluation chip CDC 3205G featuring
– ETM via embedded emulation JTAG
– ROM/ Flash emulation with external
SRAM (up to 8 MBytes)
◆ Evaluation Board (EVB) including the
CDC 3205G for evaluation and debug-
ging of embedded systems
◆ Application Board (APB) for Flash mem-
ory programming
◆ Probe for PQFP128
◆ Software environment (compiler, linker,
assembler) from 3rd party vendors
◆ RTOS from 3rd party vendors
◆ CAN protocol stacks
System Architecture
The Car Dashboard Controller CDC 3231G
contains an embedded ARM7TDMI proces-
sor which operates at a maximum clock fre-
quency of 50 MHz.
The internal high-speed bus connects the
following peripherals to the ARM7TDMI pro-
cessor:
◆ ICU (Interrupt Control Unit)
◆ SRAM
The 16/32-bit bus connects to the mask
ROM. All other peripherals are connected to
the I/O bus. All I/O ports have multiple func-
tions to obtain utmost flexibility. A total of
91 GPIOs can be selected.
The built-in ERM delivers superb EMI
results reducing the peak values by up to
10 dB
µV.
The CDC 3231G is fully pin- and software-
compatible with all other members of the
CDC 32xxG family.
Fig. 2: Block diagram of the CDC 3231G
VREFINT
VREF
AVDD
AVSS
BVDD
UARTS
1
× UART
UARTS
2
× SPI
UARTS
1
× CAN
1
× I²C Bus
UARTS
LCD Control
UARTS
Audio Module
UARTS
Clock Out 0,1
UARTS
16-Bit CCC 0
UARTS
ARM7TDMI
CPU
26-Input
Interrupt Controller
6 KB SRAM
Patch Module
Bridge
Bus Controller
P0.6 Comp
Wait Comp
VDD
VSS
UVDD
UVSS
2.5-V Reg.
2.5-V Reg.
4
× Stepper Motor
Module
UARTS
1
× 16-Bit Timer
UARTS
4
× 8-Bit Timer
UARTS
5
× 8/16-Bit PWM
18
50
23
CAPCOM 0,1,2,3
128 KB ROM
JTAG Interface
Test / Debug
Reset
Test
Watchdog Clock
PLL/ERM
RTC
Power Saving
10-Bit ADC
Bandgap Ref.
Fig. 1: Development tool setup



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com