Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL2XY Datasheet(PDF) 1 Page - Micronas

Part # HAL2XY
Description  Low-Cost Hall-Effect Sensor Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL2XY Datasheet(HTML) 1 Page - Micronas

  HAL2XY Datasheet HTML 1Page - Micronas HAL2XY Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 2xy
April/2009
PRODUCT INFORMATION
HAL 2xy
Low-Cost Hall-Effect Sensor Family
PRODUCT INFORMATION
The HAL 2xy Hall switch family is produced
in CMOS technology. The sensors include a
temperature-compensated Hall plate with
active offset compensation, a comparator,
and an open-drain output transistor.
The comparator compares the actual mag-
netic flux through the Hall plate (Hall volt-
age) with the fixed reference values (switch-
ing
points).
Accordingly,
the
output
transistor is switched on or off.
The active offset compensation leads to
magnetic parameters which are robust
against mechanical stress effects. In addi-
tion, the magnetic characteristics are con-
stant in the full supply voltage and tempera-
ture range.
The sensors are designed for industrial and
automotive applications and operate with
supply voltages from 3.8 V to 24 V in the
ambient temperature range from
−40 °C up
to 125
°C.
The HAL 2xy family is available in the
SOT89B SMD package and in the leaded
TO92UA package.
Features
V Operates from 3.8 V to 24 V supply volt-
age
V Operates with static magnetic fields and
dynamic magnetic fields up to 10 kHz
V Overvoltage protection at all pins
V Reverse-voltage protection at VDD pin
V Magnetic characteristics are robust
against mechanical stress effects
V Short-circuit protected open-drain out-
put by thermal shut down
V Constant switching points over a wide
supply voltage and temperature range
V The decrease of magnetic flux density
caused by rising temperature in the sen-
sor system is compensated by a built-in
negative temperature coefficient of the
magnetic characteristics
V High temperature stability for automotive
or industrial applications
V High ESD rating
Major Applications
The HAL 2xy is the optimal system solution
for applications, such as:
V Endposition detection
V RPM measurement of motors in various
applications, such as power window
V Brushless DC motors
V RPM measurements in flow meters
V Replacement of micro switches


Similar Part No. - HAL2XY

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
More results

Similar Description - HAL2XY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL1XY MICRONAS-HAL1XY_1 Datasheet
197Kb / 2P
Low-Cost Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
Multipurpose Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
Edition April 15, 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com