Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4052 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4052 Datasheet HTML 1Page - NXP Semiconductors 74HC4052 Datasheet HTML 2Page - NXP Semiconductors 74HC4052 Datasheet HTML 3Page - NXP Semiconductors 74HC4052 Datasheet HTML 4Page - NXP Semiconductors 74HC4052 Datasheet HTML 5Page - NXP Semiconductors 74HC4052 Datasheet HTML 6Page - NXP Semiconductors 74HC4052 Datasheet HTML 7Page - NXP Semiconductors 74HC4052 Datasheet HTML 8Page - NXP Semiconductors 74HC4052 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
2 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC4052
74HC4052D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74HC4052DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads; body
width 5.3 mm
SOT338-1
74HC4052N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC4052PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HC4052BQ
−40 °C to +125 °C
DHVQFN16
plastic dual-in line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
74HCT4052
74HCT4052D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74HCT4052DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT4052N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT4052PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT4052BQ
−40 °C to +125 °C
DHVQFN16
plastic dual-in line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah824
1Z
13
S0
S1
E
10
9
6
2Z
3
2Y3
2Y2
2Y1
2Y0
1Y3
1Y2
1Y1
1Y0
4
2
5
1
11
15
14
12
001aah825
1
0
G4
MDX
0
3
4
×
3
2
1
0
4
2
5
1
11
15
14
12
10
9
6
3
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com