Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL82X Datasheet(PDF) 2 Page - Micronas

Part # HAL82X
Description  High-Precision Programmable Hall-Effect Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL82X Datasheet(HTML) 2 Page - Micronas

  HAL82X Datasheet HTML 1Page - Micronas HAL82X Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
HAL 82x
April/2007
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
⋅ Hans-Bunte-Strasse 19 ⋅ D-79108 Freiburg (Germany) ⋅ P.O. Box 840 ⋅ D-79008 Freiburg (Germany)
Tel. +49-761-517-0
⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ www.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition April 16, 2007; Order No. PI000021_002EN
Development Tools
Programming of the EEPROM memory and
calculation of the individual sensor charac-
teristics can easily be done with a PC and
the application kit from Micronas:
V Micronas programmer board
(hardware version 5.x)
V Visual Basic® programming software for
Windows® 9x/ 2000/XP
V Visual Basic source code
Serial Port
HAL Programmer Board
Fig. 1: Development tool setup
System Architecture
The HAL 82x
sensors are produced in a
proven automotive submicron CMOS tech-
nology.
The HAL 82x features a temperature-com-
pensated Hall plate with choppered offset
compensation, an A/D converter, digital sig-
nal processing, a push-pull output, an
EEPROM memory with redundancy and
lock function for the calibration data and the
data register information, a serial interface
for programming the EEPROM, and protec-
tion devices on all pins.
The HAL 82x is programmable by modulat-
ing the supply voltage. No additional pro-
gramming pin is needed.
The internal digital signal processing is a
great benefit because analog offsets, tem-
perature shifts, and mechanical stress do
not degrade the sensor accuracy.
Internally
Temperature
Oscillator
Switched
50
Digital
D/A
Analog
GND
Supply
EEPROM Memory
Lock Control
Digital
stabilized
Supply and
Protection
Devices
Dependent
Bias
Protection
Devices
Hall Plate
Signal
Processing
Converter
Output
Level
Detection
Output
A/D
Converter
Open-circuit,
Overvoltage,
Undervoltage
Detection
50
Open-
OUT
VDD
Circuit
Detection
Fig. 2: Block diagram of the HAL 82x



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com