Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E007 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E007
Description  2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E007 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2E007 Datasheet HTML 1Page - Texas Instruments TPD2E007 Datasheet HTML 2Page - Texas Instruments TPD2E007 Datasheet HTML 3Page - Texas Instruments TPD2E007 Datasheet HTML 4Page - Texas Instruments TPD2E007 Datasheet HTML 5Page - Texas Instruments TPD2E007 Datasheet HTML 6Page - Texas Instruments TPD2E007 Datasheet HTML 7Page - Texas Instruments TPD2E007 Datasheet HTML 8Page - Texas Instruments TPD2E007 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FEATURES
A1
B1
A2
B2
GND
IO1
IO2
GND
APPLICATIONS
IO1
1
IO2
2
3
GND
DESCRIPTION/ORDERING INFORMATION
TPD2E007
www.ti.com ........................................................................................................................................ SLVS796D – SEPTEMBER 2008 – REVISED OCTOBER 2009
2-CHANNEL ESD-PROTECTION ARRAY
FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
YFMG4 PACKAGE
2
• ESD Protection Exceeds IEC61000-4-2
(BOTTOM VIEW)
(Level 4)
–
±15-kV Human-Body Model (HBM)
–
±8-kV IEC 61000-4-2 Contact Discharge
–
±15-kV IEC 61000-4-2 Air-Gap Discharge
• 4.5-A Peak Pulse Current (8/20 ms Pulse)
0.8 mm × 0.8 mm (0.4 mm pitch)
• 15-pF Line to GND Capacitance
• Low 50-nA Leakage Current
YFMG4 PIN DESCRIPTIONS
• 2-Channel Device
TERMINAL
• Space-Saving PicoStar™ and DCK Package
DESCRIPTION
NAME
NO.
IO
A1, A2 ESD-protection channel
GND
B1, B2 Ground
• Cell Phones, PDAs
• Audio Interface Connections
• Consumer Electronics (DVR, Set-Top Box, TV)
• Industrial Interface (RS-232, RS-485, RS-422,
LVDS)
DCK PACKAGE
(TOP VIEW)
This device is an application-specific integrated parts (ASIP) designed to offer system level ESD solutions for
wide range of portable and industrial applications. The back-to-back diode array allows AC-coupled or
negative-going data transmission (audio interface, LVDS, RS-485, RS-232, etc.) without compromising signal
integrity. The PicoStar™ package is intended to be embedded inside the printed circuit board which saves board
space in portable applications. This device exceeds the IEC61000-4-2 (Level 4) ESD protection and suitable to
provide system level ESD protection for the valuable internal ICs while placed near the connector.
The TPD2E007 is offered in a 4-bump PicoStar™ and 3-pin DCK packages. The PicoStar™ package (YFMG4),
with only 0.15 mm (Max) package height, is recommended for ultra space saving application where the package
height is a key concern. The PicoStar package can be used in either embedded PCB board applications or in
surface mount applications. The industry standard DCK package offers straightforward board layout option in
legacy designs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PicoStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD2E007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007 TI1-TPD2E007 Datasheet
377Kb / 10P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI1-TPD2E007 Datasheet
758Kb / 12P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI2-TPD2E007 Datasheet
497Kb / 17P
TPD2E007 2-Channel ESD Protection Array for AC-Coupled/Negative-Rail Data Interfaces
REVISED MARCH 2016
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
377Kb / 10P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
756Kb / 11P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
More results

Similar Description - TPD2E007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI1-TPD2E007_13 Datasheet
756Kb / 11P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_16 Datasheet
827Kb / 16P
2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com