Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G74DC Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74LVC1G74DC
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G74DC Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74LVC1G74DC Datasheet HTML 11Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 12Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 13Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 14Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 15Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 16Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 17Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 18Page - NXP Semiconductors 74LVC1G74DC Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
74LVC1G74_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 December 2009
15 of 21
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
Fig 13. Package outline SOT833-1 (XSON8)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT833-1
- - -
MO-252
- - -
SOT833-1
07-11-14
07-12-07
DIMENSIONS (mm are the original dimensions)
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
e1
0
1
2 mm
scale
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
UNIT
mm
0.25
0.17
2.0
1.9
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.5
0.6
A(1)
max
0.5
0.04
1
8
2
7
3
6
4
5
8
×
(2)
4
×
(2)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com