Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G53GD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G53GD
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G53GD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G53GD Datasheet HTML 3Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 4Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 5Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 6Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 7Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 8Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 9Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 10Page - NXP Semiconductors 74LVC1G53GD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
74LVC1G53_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 June 2008
7 of 23
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
10.1 Test circuits
10.2 ON resistance
VI =VCC or GND; VO = GND or VCC.
Fig 7.
Test circuit for measuring OFF-state leakage current
VO
IS
001aad390
S
Z
E
Y0
Y1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIH
VIH
E
VI
VIL or VIH
VIH
VI =VCC or GND and VO = open circuit.
Fig 8.
Test circuit for measuring ON-state leakage current
IS
001aad391
S
Z
E
Y0
Y1
VCC
GND
VI
VIL or VIH
VIL
switch
1
2VIH
VIL
S
VIL
VIL
E
VO
switch
1
2
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 10 to Figure 15.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance (peak) VI = GND to VCC; see Figure 9
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
34.0
130
-
195
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
12.0
30
-
45
Ω
ISW = 12 mA; VCC = 2.7 V
-
10.4
25
-
38
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
7.8
20
-
30
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
6.2
15
-
23
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com