Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C6720RFP300 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 8Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 9Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 10Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 11Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 12Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 13Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 14Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 15Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
2.6 High-Performance Crossbar Switch
SYSCLK3
SYSCLK1
SYSCLK2
SYSCLK3
BR3
BR4
2
1
Priority
EMIF
External
Memory
SDRAM/
Flash
Priority
2
1
3
4
T2
SYSCLK2
SYSCLK1
BR1
SYSCLK2
SYSCLK1
BR2
Program
Master
Port
(PMP)
CPU
Slave
Port
(CSP)
Data
Master
Port
(DMP)
Memory Controller
M1
T1
M2
Priority
1
2
3
PLL
SPI0
I2C0
I2C1
RTI
SPI1
Peripheral Configuration Bus
McASP2
McASP1
McASP0
McASP DMA Bus
Priority
1
2
3
Priority
1
2
T4
T3
dMAX MAX0 Unit Master Port − High Priority
dMAX MAX1 Unit Master Port − Second Priority
Memory Controller DMP − Data Read/Write by CPU
UHPI Master Interface (External Host CPU)
UHPI
Universal Host-Port
Interface
M5
MAX0
MAX1
1
2
3
Priority
Config
dMAX
T5
M3
M4
External
Host MCU
Config
ROM
RAM
CPU
Program
Cache
Crossbar
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The C672x DSP includes a high-performance crossbar switch that acts as a central hub between bus
masters and targets. Figure 2-4 illustrates the connectivity of the crossbar switch.
Figure 2-4. Block Diagram of Crossbar Switch
As shown in Figure 2-4, there are five bus masters:
M1
Memory controller DMP for CPU data accesses to peripherals and EMIF.
M2
Memory controller PMP for program cache fills from the EMIF.
M3
dMAX HiMAX master port for high-priority DMA accesses.
M4
dMAX LoMAX master port for lower-priority DMA accesses.
M5
UHPI master port for an external MCU to access on-chip and off-chip memories.
12
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com