Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1T45 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1T45 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC1T45 Datasheet HTML 10Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 11Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 12Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 13Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 14Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 15Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 16Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 17Page - NXP Semiconductors 74LVC1T45 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
14 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
[1]
tPZH and tPZL are calculated values using the formula shown in Section 14.4 “Enable times”
12. Waveforms
tPZH
OFF-state to HIGH
propagation delay
DIR to A
[1]
-
26.1
-
20.9
-
13.5
-
12.6
-
9.3
ns
DIR to B
[1]
-
22.4
-
20.8
-
12.4
-
10.1
-
8.4
ns
tPZL
OFF-state to LOW
propagation delay
DIR to A
[1]
-
31.0
-
25.5
-
15.8
-
13.2
-
10.2
ns
DIR to B
[1]
-
22.9
-
19.5
-
12.9
-
11.0
-
9.9
ns
Table 13.
Dynamic characteristics for temperature range
−40 °C to +125 °C …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for wave forms see Figure 6 and Figure 7
Symbol Parameter
Conditions
VCC(B)
Unit
1.5 V
± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The data input (A, B) to output (B, A) propagation delay times
001aae967
A, B input
B, A output
tPLH
tPHL
GND
VI
VOH
VM
VM
VOL
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Enable and disable times
001aae968
tPZL
tPZH
tPHZ
tPLZ
GND
GND
VI
VCCO
VOL
VOH
VM
VM
VM
VX
VY
outputs
disabled
outputs
enabled
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
DIR input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com