Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G38DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G38DP
Description  Dual 2-input NAND gate; open drain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G38DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G38DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G38DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVC2G38 provides a 2-input NAND function.
The outputs of the 74LVC2G38 devices are open-drain and can be connected to other
open-drain outputs to implement active-LOW, wired-OR or active-HIGH wired-AND
functions.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant outputs for interfacing with 5 V logic
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8B/JESD36 (2.7 V to 3.6 V)
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
I ±24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Open-drain outputs
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Inputs accept voltages up to 5 V
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC2G38
Dual 2-input NAND gate; open drain
Rev. 07 — 20 March 2009
Product data sheet


Similar Part No. - 74LVC2G38DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G38DP PHILIPS-74LVC2G38DP Datasheet
90Kb / 15P
Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
Nexperia B.V. All right...
74LVC2G38DP NEXPERIA-74LVC2G38DP Datasheet
303Kb / 20P
Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
More results

Similar Description - 74LVC2G38DP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
logo
NXP Semiconductors
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
Texas Instruments
SN74LVC2G38 TI-SN74LVC2G38 Datasheet
255Kb / 11P
DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
2-input NAND gate; open drain
Rev. 03-27 August 2007
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
logo
Nexperia B.V. All right...
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
2-input NAND gate; open drain
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
2-input NAND gate; open drain
Rev. 10 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com