Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC74APW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC74APW
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC74APW Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC74APW Datasheet HTML 1Page - NXP Semiconductors 74LVC74APW Datasheet HTML 2Page - NXP Semiconductors 74LVC74APW Datasheet HTML 3Page - NXP Semiconductors 74LVC74APW Datasheet HTML 4Page - NXP Semiconductors 74LVC74APW Datasheet HTML 5Page - NXP Semiconductors 74LVC74APW Datasheet HTML 6Page - NXP Semiconductors 74LVC74APW Datasheet HTML 7Page - NXP Semiconductors 74LVC74APW Datasheet HTML 8Page - NXP Semiconductors 74LVC74APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74LVC74A_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 4 June 2007
4 of 16
NXP Semiconductors
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
6.
Functional description
[1]
H = HIGH voltage level
L = LOW voltage level
X = don’t care
[1]
H = HIGH voltage level
L = LOW voltage level
↑ = LOW-to-HIGH transition
Qn+1 = state after the next LOW-to-HIGH CP transition
X = don’t care
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO14 packages: above 70
°C the value of Ptot derates linearly with 8 mW/K.
For (T)SSOP14 packages: above 60
°C the value of Ptot derates linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C the value of Ptot derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Input
Output
nSD
nRD
nCP
nD
nQ
nQ
L
H
XXH
L
H
L
XXL
H
L
L
XXH
H
Table 4.
Function table[1]
Input
Output
nSD
nRD
nCP
nD
nQn+1
nQn+1
HH
↑
LLH
HH
↑
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
IIK
input clamping current
VI < 0 V
−50
-
mA
VI
input voltage
[1]
−0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
VO
output voltage
[2]
−0.5
VCC + 0.5
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com