Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC169 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC169
Description  Presettable synchronous 4-bit up/down binary counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC169 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC169 Datasheet HTML 6Page - NXP Semiconductors 74LVC169 Datasheet HTML 7Page - NXP Semiconductors 74LVC169 Datasheet HTML 8Page - NXP Semiconductors 74LVC169 Datasheet HTML 9Page - NXP Semiconductors 74LVC169 Datasheet HTML 10Page - NXP Semiconductors 74LVC169 Datasheet HTML 11Page - NXP Semiconductors 74LVC169 Datasheet HTML 12Page - NXP Semiconductors 74LVC169 Datasheet HTML 13Page - NXP Semiconductors 74LVC169 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
74LVC169_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 8 June 2009
10 of 22
NXP Semiconductors
74LVC169
Presettable synchronous 4-bit up/down binary counter
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 13.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
CP to Qn; see Figure 8
[2]
VCC = 1.2 V
-
17
-
-
-
ns
VCC = 2.7 V
1.5
-
7.2
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
4.0
6.6
1.5
8.5
ns
CP to TC; see Figure 8
[2]
VCC = 1.2 V
-
21
-
-
-
ns
VCC = 2.7 V
1.5
-
8.8
1.5
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
4.8
7.5
1.5
9.5
ns
CET to TC; see Figure 9
[2]
VCC = 1.2 V
-
19
-
-
-
ns
VCC = 2.7 V
1.5
-
7.2
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
4.1
6.2
1.5
8.0
ns
U/D to TC; see Figure 10
[2]
VCC = 1.2 V
-
21
-
-
-
ns
VCC = 2.7 V
1.5
-
8.2
1.5
10.5
ns
VCC = 3.0 V to 3.6 V
1.5
3.7
6.9
1.5
9.0
ns
tW
pulse width
CP HIGH or LOW; see Figure 8
VCC = 2.7 V
5.0
-
-
5.0
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.2
-
4.0
-
ns
tsu
set-up time
Dn to CP; see Figure 11
VCC = 2.7 V
3.0
-
-
3.0
-
ns
VCC = 3.0 V to 3.6 V
2.5
1.0
-
2.5
-
ns
PE to CP; see Figure 11
VCC = 2.7 V
3.5
-
-
3.5
-
ns
VCC = 3.0 V to 3.6 V
3.0
1.2
-
3.0
-
ns
U/D to CP; see Figure 12
VCC = 2.7 V
6.5
-
-
6.5
-
ns
VCC = 3.0 V to 3.6 V
5.5
2.8
-
5.5
-
ns
CEP, CET to CP; see Figure 12
VCC = 2.7 V
5.5
-
-
5.5
-
ns
VCC = 3.0 V to 3.6 V
4.5
2.1
-
4.5
-
ns
th
hold time
Dn, PE, CEP, CET, U/D to CP;
see Figure 11 and 12
VCC = 2.7 V
0.0
-
-
0.0
-
ns
VCC = 3.0 V to 3.6 V
0.5
0.0
-
0.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com