Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC595A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVC595A
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC595A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC595A Datasheet HTML 8Page - NXP Semiconductors 74LVC595A Datasheet HTML 9Page - NXP Semiconductors 74LVC595A Datasheet HTML 10Page - NXP Semiconductors 74LVC595A Datasheet HTML 11Page - NXP Semiconductors 74LVC595A Datasheet HTML 12Page - NXP Semiconductors 74LVC595A Datasheet HTML 13Page - NXP Semiconductors 74LVC595A Datasheet HTML 14Page - NXP Semiconductors 74LVC595A Datasheet HTML 15Page - NXP Semiconductors 74LVC595A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
74LVC595A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 May 2007
12 of 19
NXP Semiconductors
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig 11. The master reset (MR) pulse width, the master reset to serial data output (Q7S) propagation delays and the
master reset to shift clock (SHCP) recovery time
mna561
MR input
SH
CP input
Q
7S output
tPHL
tW
trec
VM
VOH
VOL
VI
GND
VI
GND
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig 12. 3-state enable and disable times
001aae821
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VCC
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
VCC < 2.7 V
0.5
× V
CC
0.5
× V
CC
VOL + 0.15 V
VOH − 0.15 V
VCC ≥ 2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com