Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ASDT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TL431ASDT
Description  Adjustable precision shunt regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431ASDT Datasheet(HTML) 2 Page - NXP Semiconductors

  TL431ASDT Datasheet HTML 1Page - NXP Semiconductors TL431ASDT Datasheet HTML 2Page - NXP Semiconductors TL431ASDT Datasheet HTML 3Page - NXP Semiconductors TL431ASDT Datasheet HTML 4Page - NXP Semiconductors TL431ASDT Datasheet HTML 5Page - NXP Semiconductors TL431ASDT Datasheet HTML 6Page - NXP Semiconductors TL431ASDT Datasheet HTML 7Page - NXP Semiconductors TL431ASDT Datasheet HTML 8Page - NXP Semiconductors TL431ASDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
2 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
4.
Quick reference data
5.
Ordering information
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VKA
cathode-anode voltage
Vref
-36
V
IK
cathode current
1
-
100
mA
Vref
reference voltage
VKA =Vref;
IK =10mA
Standard-Grade (2 %)
2440
2495
2550
mV
A-Grade (1 %)
2470
2495
2520
mV
B-Grade (0.5 %)
2483
2495
2507
mV
Table 3.
Ordering information
Type number
Package
Name
Description
Version
TL431CDBZR
-
plastic surface-mounted package; 3 leads
SOT23
TL431IDBZR
TL431QDBZR
TL431SDT
TL431MSDT
TL431ACDBZR
TL431AIDBZR
TL431AQDBZR
TL431ASDT
TL431AMSDT
TL431BCDBZR
TL431BIDBZR
TL431BQDBZR
TL431BSDT
TL431BMSDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com