Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0804S040TS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # ADC0804S040TS
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0804S040TS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button ADC0804S040TS Datasheet HTML 11Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 12Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 13Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 14Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 15Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 16Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 17Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 18Page - NXP Semiconductors ADC0804S040TS Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ADC0804S030_040_050_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 14 August 2008
15 of 19
NXP Semiconductors
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
12. Application information
12.1 Alternative parts
The following alternative parts are also available:
[1]
Pin to pin compatible
The analog and digital supplies should be separated and well decoupled
A user manual is available that describes the demonstration board that uses the version ADC0804S030/040/050/ family with an
application environment.
(1) RB, RM and RT are decoupled to AGND.
(2) Pin 15 may be connected to DGND in order to prevent noise influence.
(3) Decoupling capacitor for supplies; must be placed close to the device.
Fig 14. Application diagram
ADC0804S030
CLK
VCCD1
TC
DGND1
VCCA
IR
AGND
D7
n.c.
D6
RB(1)
D5
RM(1)
D4
VI
D3
RT(1)
D2
OE
D1
VCCD2
D0
DGND2
n.c.
VCCO
n.c.
OGND
n.c.(2)
014aaa554
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
100 nF
100 nF
100 nF
100 nF
100 nF
100 nF
100 nF
(3)
(3)
(3)
(3)
AGND
AGND
AGND
Table 9.
Alternative parts
Type number
Description
Sampling frequency
ADC1004S030
Single 10 bits ADC
[1]
30 MHz
ADC1004S040
Single 10 bits ADC
[1]
40 MHz
ADC1004S050
Single 10 bits ADC
[1]
50 MHz
ADC1003S030
Single 10 bits ADC
[1]
30 MHz, with internal reference
regulator
ADC1003S040
Single 10 bits ADC
[1]
40 MHz, with internal reference
regulator
ADC1003S050
Single 10 bits ADC
[1]
50 MHz, with internal reference
regulator
ADC1005S060
Single 10 bits ADC
[1]
60 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com