Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61884 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 46Page - Cirrus Logic CS61884 Datasheet HTML 47Page - Cirrus Logic CS61884 Datasheet HTML 48Page - Cirrus Logic CS61884 Datasheet HTML 49Page - Cirrus Logic CS61884 Datasheet HTML 50Page - Cirrus Logic CS61884 Datasheet HTML 51Page - Cirrus Logic CS61884 Datasheet HTML 52Page - Cirrus Logic CS61884 Datasheet HTML 53Page - Cirrus Logic CS61884 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
CS61884
50
DS485F1
73
TCLK3
I
TCLK3
74
LOS2
O
LOS2
75
RNEG2
O
RNEG2
76
RPOS2
O
RPOS2
77
RCLK2
O
RCLK2
78
-
Note 2
HIZ2_B
79
TNEG2
I
TNEG2
80
TPOS2
I
TPOS2
81
TCLK2
I
TCLK2
82
INT_B
O
INT_B
83
RDY
O
RDYOUT
84
-
Note 3
RDYOEN
85
WR_B
I
WR_B
86
RD_B
I
RD_B
87
ALE
I
ALE
88
CS_B
I
CS_B
89
CS_B
I
CS_B_TRI
90
INTL
I
INTL
91
CBLSEL
I
CBLSEL_TRI
92
CBLSEL
I
CBLSEL_IN
93
TCLK5
I
TCLK5
94
TPOS5
I
TPOS5
95
TNEG5
I
TNEG5
96
RCLK5
O
RCLK5
97
RPOS5
O
RPOS5
98
RNEG5
O
RNEG5
99
-
Note 2
HIZ5_B
100
LOS5
O
LOS5
101
TCLK4
I
TCLK4
102
TPOS4
I
TPOS4
103
TNEG4
I
TNEG4
104
RCLK4
O
RCLK4
105
RPOS4
O
RPOS4
106
RNEG4
O
RNEG4
107
-
Note 2
HIZ4_B
108
LOS4
O
LOS4
109
TXOE
I
TXOE
110
CLKE
I
CLKE
Notes:
1) LPOEN controls the LOOP[7:0] pins. Setting LPOEN to “1” configures LOOP[7:0] as outputs. The output value driven
on the pins are determined by the values written to LPO[7:0]. Setting LPOEN to “0” High-Z all the pins. In this mode,
the input values driven to these LOOP[7:0] can be read via LPI[7:0].
2) HIZ_B controls the RPOSx, RNEGx, and RCLKx pins. When HIZ_B is High, the outputs are enabled; when HIZ_B is
Low, the outputs are placed in a high impedance state (High-Z).
3) RDYOEN controls the ACK_B pin. Setting RDYOEN to “1” enables output on ACK_B. Setting ACKEN to “0” High -
Z the ACK_B pin.
Table 11. Boundary Scan Register (Continued)
BSR
Bit
Pin
Name
Cell
Type
Bit
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com