Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7311 Datasheet(PDF) 16 Page - Cirrus Logic

Part # EP7311
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 12Page - Cirrus Logic EP7311 Datasheet HTML 13Page - Cirrus Logic EP7311 Datasheet HTML 14Page - Cirrus Logic EP7311 Datasheet HTML 15Page - Cirrus Logic EP7311 Datasheet HTML 16Page - Cirrus Logic EP7311 Datasheet HTML 17Page - Cirrus Logic EP7311 Datasheet HTML 18Page - Cirrus Logic EP7311 Datasheet HTML 19Page - Cirrus Logic EP7311 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
16
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
DS506F1
EP7311
High-Performance, Low-Power System on Chip
SDRAM Interface
Figure 3 through Figure 6 define the timings associated with all phases of the SDRAM. The following table contains the values for
the timings of each of the SDRAM modes.
Parameter
Symbol
Min
Typ
Max
Unit
SDCLK rising edge to SDCS assert delay time
tCSa
024
ns
SDCLK rising edge to SDCS deassert delay time
tCSd
− 3
2
10
ns
SDCLK rising edge to SDRAS assert delay time
tRAa
137
ns
SDCLK rising edge to SDRAS deassert delay time
tRAd
− 3
1
10
ns
SDCLK rising edge to SDRAS invalid delay time
tRAnv
247
ns
SDCLK rising edge to SDCAS assert delay time
tCAa
− 22
5
ns
SDCLK rising edge to SDCAS deassert delay time
tCAd
− 50
3
ns
SDCLK rising edge to ADDR transition time
tADv
− 31
5
ns
SDCLK rising edge to ADDR invalid delay time
tADx
− 22
5
ns
SDCLK rising edge to SDMWE assert delay time
tMWa
− 31
5
ns
SDCLK rising edge to SDMWE deassert delay time
tMWd
− 40
4
ns
DATA transition to SDCLK rising edge time
tDAs
2-
-
ns
SDCLK rising edge to DATA transition hold time
tDAh
1-
-
ns
SDCLK rising edge to DATA transition delay time
tDAd
0
-
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com