Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS416 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS416
Description  Low-leakage diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS416 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS416 Datasheet HTML 1Page - NXP Semiconductors BAS416 Datasheet HTML 2Page - NXP Semiconductors BAS416 Datasheet HTML 3Page - NXP Semiconductors BAS416 Datasheet HTML 4Page - NXP Semiconductors BAS416 Datasheet HTML 5Page - NXP Semiconductors BAS416 Datasheet HTML 6Page - NXP Semiconductors BAS416 Datasheet HTML 7Page - NXP Semiconductors BAS416 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2004 Jan 26
3
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS416
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Refer to SOD323 (SC-76) standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 1 mA
−
0.9
V
IF = 10 mA
−
1
V
IF = 50 mA
−
1.1
V
IF = 150 mA
−
1.25
V
IR
reverse current
see Fig.5
VR = 75 V
0.003
5
nA
VR = 75 V; Tj = 150 °C
3
80
nA
Cd
diode capacitance
VR = 0; f = 1 MHz; see Fig.6
2
−
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.7
0.8
3
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
450
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com